Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-MB3P/PC Datasheet(PDF) 36 Page - STMicroelectronics

Part # M95128-MB3P/PC
Description  128 Kbit serial SPI bus EEPROM with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-MB3P/PC Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M95128-MB3P/PC Datasheet HTML 32Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 33Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 34Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 35Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 36Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 37Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 38Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 39Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
Package mechanical data
M95128, M95128-W, M95128-R
36/44
Doc ID 5798 Rev 13
10
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 18.
SO8N – 8-lead plastic small outline, 150 mils body width, package outline
1.
Drawing is not to scale.
Table 20.
SO8N – 8-lead plastic small outline, 150 mils body width, package
mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ
Min
Max
Typ
Min
Max
A
1.75
0.0689
A1
0.10
0.25
0.0039
0.0098
A2
1.25
0.0492
b
0.28
0.48
0.011
0.0189
c
0.17
0.23
0.0067
0.0091
ccc
0.10
0.0039
D
4.90
4.80
5.00
0.1929
0.189
0.1969
E
6.00
5.80
6.20
0.2362
0.2283
0.2441
E1
3.90
3.80
4.00
0.1535
0.1496
0.1575
e1.27–
–0.05
-
-
h
0.25
0.50
0.0098
0.0197
k
0°8°
0°8°
L
0.40
1.27
0.0157
0.05
L1
1.04
0.0409
SO-A
E1
8
ccc
b
e
A
D
c
1
E
h x 45˚
A2
k
0.25 mm
L
L1
A1
GAUGE PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com