Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12SQ080 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # 12SQ080
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

12SQ080 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  12SQ080 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. 12SQ080 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
●
Metal of silicon rectifier , majority carrier conduction
●
Guard ring for transient protection
●
Low power loss,high efficiency
●
High current capability,low VF
●
High surge capacity
●
Plastic package has UL flammability classification
94V-0
●
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications
MECHANICAL DATA
●
Case: JEDEC R-6 molded plastic
●
Polarity: Color band denotes cathode
●
Weight: 0.07 ounces , 2.1 grams
●
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
35
40
45
60
80
100
V
Maximum RMS Voltage
VRMS
24.5
28
31.5
42
56
70
V
Maximum DC Blocking Voltage
VDC
35
40
45
60
80
100
V
Maximum Average Forward
Rectified Current@Tc=95 ℃
I(AV)
A
Peak Forward Surage Current 8.3ms single half
sine-wave super imposed on rated load(JEDEC
Method)
IFSM
A
Peak Forward Voltage at 10A DC(Note1)
VF
V
Maximum DC Reverse Current @Tj=25℃
at Rated DC Bolcking Voltage @Tj=100℃
Tyical Junction Capacitance (Note2)
CJ
PF
Tyical Thermal Resistance (Note3)
RθJC
℃
/w
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
SCHOTTKY BARRIER RECTIFIERS
3.0
mA
0.5
IR
450
-55 to+150
0.55
0.7
0.8
275
Dimensions in inches and (millimeters)
50
3.Thermal Resistance Junction to Case.
-55 to+150
NOTES:1.300us Pulse Width, 2%Dudy Cycle.
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0VDC.
R - 6
2100
.360(9.1)
.340(8.6)
.052(1.3)
.048(1.2) DIA
.360(9.1)
.340(8.6)
DIA
1.0(25.4)
MIN
1.0(25.4)
MIN
Web Site: WWW.PS-PFS.COM
12SQ035 THRU 12SQ100
VOLTAGE RANGE
35 to 100 Volts
CURRENT
12 Ampere
12
12SQ035 12SQ040 12SQ045
12SQ060
12SQ080 12SQ100


Similar Part No. - 12SQ080

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
12SQ080 LUGUANG-12SQ080 Datasheet
328Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
12SQ080 ZSELEC-12SQ080 Datasheet
172Kb / 2P
12A SCHOTTKY BARRIER DIODE
logo
Shenzhen Yixinwei Techn...
12SQ080 YIXIN-12SQ080 Datasheet
229Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
12SQ080 YIXIN-12SQ080 Datasheet
244Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
12SQ080 YFWDIODE-12SQ080 Datasheet
360Kb / 3P
Schottky Barrier Rectifiers
More results

Similar Description - 12SQ080

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com