Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9552 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9552
Description  Oscillator Frequency Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9552 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9552 Datasheet HTML 6Page - Analog Devices AD9552 Datasheet HTML 7Page - Analog Devices AD9552 Datasheet HTML 8Page - Analog Devices AD9552 Datasheet HTML 9Page - Analog Devices AD9552 Datasheet HTML 10Page - Analog Devices AD9552 Datasheet HTML 11Page - Analog Devices AD9552 Datasheet HTML 12Page - Analog Devices AD9552 Datasheet HTML 13Page - Analog Devices AD9552 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD9552
Rev. C | Page 10 of 32
25
20
15
10
5
0
0
50
100
150
200
250
FREQUENCY (MHz)
Figure 9. Supply Current vs. Output Frequency,
CMOS (15 pF Load)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
100
200
300
400
500
FREQUENCY (MHz)
5pF
10pF
20pF
Figure 10. Peak-to-Peak Output Voltage vs. Frequency,
CMOS
55
54
53
52
51
50
0
100
200
300
FREQUENCY (MHz)
5pF
10pF
20pF
Figure 11. Duty Cycle vs. Output Frequency, CMOS
1.6
LVPECL
1.4
1.2
1.0
0.8
0.6
0.4
0
200
400
600
800
1000
FREQUENCY (MHz)
LVDS (STRONG)
LVDS (WEAK)
Figure 12. Peak-to-Peak Output Voltage vs. Frequency,
LVPECL and LVDS (15 pF Load)
60
55
50
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
LVDS (WEAK)
LVDS (STRONG)
LVPECL
Figure 13. Duty Cycle vs. Output Frequency,
LVPECL and LVDS (15 pF Load)
500ps/DIV
Figure 14. Typical Output Waveform, LVPECL (805 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com