Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9552 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9552
Description  Oscillator Frequency Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9552 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9552 Datasheet HTML 14Page - Analog Devices AD9552 Datasheet HTML 15Page - Analog Devices AD9552 Datasheet HTML 16Page - Analog Devices AD9552 Datasheet HTML 17Page - Analog Devices AD9552 Datasheet HTML 18Page - Analog Devices AD9552 Datasheet HTML 19Page - Analog Devices AD9552 Datasheet HTML 20Page - Analog Devices AD9552 Datasheet HTML 21Page - Analog Devices AD9552 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD9552
Rev. C | Page 18 of 32
The P0 and P1 combinations listed in Table 12 are all equally
valid. However, note that they yield only three valid ODF
values (35, 36, and 40) from the original range of 34 to 40.
In the example, N = 148 and R/Y = 1228/1664, which reduces
to R/Y = 307/416. These values of N, R, and Y constitute the
following respective feedback divider values:
N = 148, FRAC = 307, and MOD = 416.
3.
Determine the feedback divider values for the PLL.
The only caveat is that N and MOD must meet the constraints
given in the Output/Input Frequency Relationship section.
Repeat this step for each ODF when multiple ODFs exist
(for example, 35, 36, and 40 in the case of Table 12).
In the example, FRAC is nonzero, so the division value is an
integer plus the fractional component, FRAC/MOD. This
implies that the feedback SDM is necessary as part of the
feedback divider. If FRAC = 0, the feedback division factor
is an integer and the SDM is not required (it can be bypassed).
To calculate the feedback divider values for a given ODF,
use the following equation:
Y
X
ODF
f
f
REF
OUT
=
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
1
Although the feedback divider values obtained in this way
provide the proper feedback divide ratio to synthesize the exact
output frequency, they may not yield optimal jitter performance
at the final output. One reason for this is that the value of MOD
defines the period of the SDM, which has a direct impact on the
spurious output of the SDM. Specifically, in the spectral band
from dc to fPFD, the SDM exhibits spurs at intervals of fPFD/
MOD. Thus, the spectral separation (Δf) of the spurs associated
with the feedback SDM is
Note that the left side of the equation contains variables with
known quantities. Furthermore, the values are necessarily
rational, so the left side is expressible as a ratio of two inte-
gers, X and Y. Following is an example equation.
Y
X
=
=
=
×
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
⎥⎦
⎤
⎢⎣
⎡
1664
500
,
247
)
64
(
26
)
6
)(
66
(
625
6
26
64
66
625
In the context of the AD9552, X/Y is always an improper
fraction. Therefore, it is expressible as the sum of an integer,
N, and the proper fraction, R/Y (R and Y are integers).
MOD
f
f
PFD
=
Δ
Because the SDM is in the feedback path of the PLL, these spurs
appear in the output signal as spurious components offset by Δf
from fOUT1. Therefore, a small MOD value pro-duces relatively
large spurs with relatively large frequency offsets from fOUT1,
whereas a large MOD value produces smaller spurs but more
closely spaced to fOUT1. Clearly, the value of MOD has a direct
impact on the spurious content (that is, jitter) at OUT1.
Y
R
N
Y
X
+
=
Y
R
N
+
=
1664
500
,
247
This particular example yields N = 148, Y = 1664, and
R = 1228. To arrive at this result, use long division to convert
the improper fraction, X/Y, to an integer (N) and a proper
fraction (R/Y). Note that dividing Y into X by means of
long division yields an integer, N, and a remainder, R. The
proper fraction has a numerator (R, the remainder) and a
denominator (Y, the divisor), as shown in Figure 21.
Generally, the largest possible MOD value yields the smallest spurs.
Thus, it is desirable to scale MOD and FRAC by the integer part
of 220 divided by the value of MOD obtained previously. In the
example, the value of MOD is 416, yield-ing a scale factor of 2520
(the integer part of 220/416). A scale factor of 2520 leads to FRAC
= 307 × 2520 = 773,640 and MOD = 416 × 2520 = 1,048,320.
YX
N
R
–NY
= N +
X
Y
R
Y
LOW DROPOUT (LDO) REGULATORS
The AD9552 is powered from a single 3.3 V supply and contains
on-chip LDO regulators for each function to eliminate the need
for external LDOs. To ensure optimal performance, each LDO
output should have a 0.47 μF capacitor connected between its
access pin and ground, and this capacitor should be kept as
close to the device as possible.
Figure 21. Example Long Division
It is imperative that long division be used to obtain the correct
results. Avoid the use of a calculator or math program, because
these do not always yield correct results due to internal rounding
and/or truncation. Some calculators or math programs may be up
to the task if they can handle very large integer operations, but such
are not common.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com