Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9552 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9552
Description  Oscillator Frequency Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9552 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9552 Datasheet HTML 20Page - Analog Devices AD9552 Datasheet HTML 21Page - Analog Devices AD9552 Datasheet HTML 22Page - Analog Devices AD9552 Datasheet HTML 23Page - Analog Devices AD9552 Datasheet HTML 24Page - Analog Devices AD9552 Datasheet HTML 25Page - Analog Devices AD9552 Datasheet HTML 26Page - Analog Devices AD9552 Datasheet HTML 27Page - Analog Devices AD9552 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD9552
Rev. C | Page 24 of 32
Addr.
(Hex)
Register
Name
(MSB) Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
0x1C
XTAL
control
Unused
Unused
Unused
Unused
Unused
Unused
Unused
Unused
0x00
0x1D
XTAL
control
Unused
Unused
Unused
Unused
Unused
Select 2×
frequency
multiplier
Unused
Use crystal
resonator
0x00
0x32
OUT1
driver
control
OUT1 drive
strength
OUT1
power-
down
OUT1 mode control[2:0]
OUT1 CMOS polarity[1:0]
Enable SPI
control of
OUT1
driver
control
0xA8
0x33
Select OUT2
source
Unused
Unused
Unused
Unused
OUT2
source
Unused
Unused
Unused
0x00
0x34
OUT2
driver
control
OUT2 drive
strength
OUT2
power-
down
OUT2 mode control[2:0]
OUT2 CMOS polarity[1:0]
Enable SPI
control of
OUT2
driver
control
0xA8
REGISTER MAP DESCRIPTIONS
Control bit functions are active high unless stated otherwise. Register address values are always hexadecimal unless otherwise indicated.
Serial Port Control (Register 0x00 to Register 0x05)
Table 18.
Address
Bit
Bit Name
Description
0x00
7
Unused
Forced to Logic 0 internally, which enables 3-wire mode only.
6
LSB first
Bit order for SPI port.
0 = most significant bit and byte first (default).
1 = least significant bit and byte first.
5
Soft reset
Software initiated reset (register values set to default). This is an autoclearing bit.
4
Unused
Forced to Logic 1 internally, which enables 16-bit mode (the only mode supported by
the device).
[3:0]
Unused
Mirrored version of the contents of Register 0x00[7:4] (that is, Bits[3:0] = Bits[7:4]).
0x04
[7:1]
Unused
Unused.
0
Readback control
For buffered registers, serial port readback reads from actual (active) registers instead of
from the buffer.
0 = reads values currently applied to the internal logic of the device (default).
1 = reads buffered values that take effect on next assertion of I/O update.
0x05
[7:1]
Unused
Unused.
0
I/O update
Writing a 1 to this bit transfers the data in the serial I/O buffer registers to the internal
control registers of the device. This is an autoclearing bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com