Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9552PCBZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9552PCBZ
Description  Oscillator Frequency Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9552PCBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9552PCBZ Datasheet HTML 19Page - Analog Devices AD9552PCBZ Datasheet HTML 20Page - Analog Devices AD9552PCBZ Datasheet HTML 21Page - Analog Devices AD9552PCBZ Datasheet HTML 22Page - Analog Devices AD9552PCBZ Datasheet HTML 23Page - Analog Devices AD9552PCBZ Datasheet HTML 24Page - Analog Devices AD9552PCBZ Datasheet HTML 25Page - Analog Devices AD9552PCBZ Datasheet HTML 26Page - Analog Devices AD9552PCBZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD9552
Rev. C | Page 23 of 32
REGISTER MAP
A bit that is labeled “aclr” is an active high, autoclearing bit. When set to a Logic 1 state, the control logic automatically returns it to a
Logic 0 state upon completion of the indicated task.
Table 17. Register Map
Addr.
(Hex)
Register
Name
(MSB) Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
0x00
Serial port
control
0
LSB first
Soft reset
(aclr)
1
1
Soft reset
LSB first
0
0x18
0x04
Readback
control
Unused
Unused
Unused
Unused
Unused
Unused
Unused
Readback
control
0x00
0x05
I/O update
Unused
Unused
Unused
Unused
Unused
Unused
Unused
I/O update
(aclr)
0x00
0x0A
PLL charge
pump and
PFD
control
Charge pump current control[7:0]
(3.5 μA granularity, ~900 μA full scale)
0x80
0x0B
PLL charge
pump and
PFD
control
Enable SPI
control of
charge
pump
current
Enable SPI
control of
antiback-
lash
period
CP mode[1:0]
Enable CP
mode
control
PFD
feedback
input edge
control
PFD
reference
input edge
control
Force VCO
to
midpoint
frequency
0x30
0x0C
PLL charge
pump and
PFD
control
Unused
CP offset
current
polarity
CP offset current[1:0]
Enable CP
offset
current
control
Reserved
Reserved
Reserved
0x00
0x0D
PLL charge
pump and
PFD
control
Antibacklash control[1:0]
Unused
Unused
Unused
Unused
Unused
PLL lock
detector
power-
down
0x00
0x0E
VCO
control
Calibrate
VCO (aclr)
Enable
ALC
ALC threshold[2:0]
Enable SPI
control of
VCO
calibration
Boost VCO
supply
Enable SPI
control of
VCO band
setting
0x70
0x0F
VCO
control
VCO level control[5:0]
Unused
Unused
0x80
0x10
VCO
control
VCO band control[6:0]
Unused
0x80
0x11
PLL control
N[7:0] (SDM integer part)
0x00
0x12
PLL control
MOD[19:12] (SDM modulus)
0x80
0x13
PLL control
MOD[11:4] (SDM modulus)
0x00
0x14
PLL control
MOD[3:0] (SDM modulus)
Enable SPI
control of
output
frequency
Bypass
SDM
Disable SDM
Reset PLL
0x00
0x15
PLL control
FRAC[19:12] (SDM fractional part)
0x20
0x16
PLL control
FRAC[11:4] (SDM fractional part)
0x00
0x17
PLL control
FRAC[3:0] (SDM fractional part)
Unused
Unused
Unused
P1 divider[5]
0x01
0x18
PLL control
P1 divider[4:0]
P0 divider[2:0]
0x00
0x19
PLL control
Enable SPI
control
of OUT1
dividers
Unused
Unused
0x20
0x1A
Input
receiver and
band gap
Receiver
reset (aclr)
Band gap voltage adjust[4:0]
(00000 = maximum, 11111 = minimum)
Unused
Enable SPI
control of
band gap
voltage
0x00
0x1B
XTAL
tuning
control
Disable SPI
control of
XTAL tuning
capacitance
Unused
XTAL tuning capacitor control[5:0]
(0.25 pF per bit, inverted binary coding)
0x80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com