Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9552PCBZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9552PCBZ
Description  Oscillator Frequency Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9552PCBZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9552PCBZ Datasheet HTML 22Page - Analog Devices AD9552PCBZ Datasheet HTML 23Page - Analog Devices AD9552PCBZ Datasheet HTML 24Page - Analog Devices AD9552PCBZ Datasheet HTML 25Page - Analog Devices AD9552PCBZ Datasheet HTML 26Page - Analog Devices AD9552PCBZ Datasheet HTML 27Page - Analog Devices AD9552PCBZ Datasheet HTML 28Page - Analog Devices AD9552PCBZ Datasheet HTML 29Page - Analog Devices AD9552PCBZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD9552
Rev. C | Page 26 of 32
VCO Control (Register 0x0E to Register 0x10)
Table 20.
Address
Bit
Bit Name
Description
0x0E
7
Calibrate VCO
Initiates VCO calibration (this is an autoclearing bit). This bit is ineffective unless Bit 2 = 1.
6
Enable ALC
Enables automatic level control (ALC) of the VCO.
0 = Register 0x0F[7:2] defines the VCO level.
1 = the device automatically controls the VCO level (default).
[5:3]
ALC threshold
Controls the VCO ALC threshold detector level from minimum (000) to maximum
(111).
The default is 110.
2
Enable SPI control of VCO
calibration
Enables functionality of Bit 7.
0 = the device automatically performs VCO calibration (default).
1 = Bit 7 controls VCO calibration.
1
Boost VCO supply
Selects VCO supply voltage.
0 = normal supply voltage (default).
1 = increase supply voltage by 100 mV.
0
Enable SPI control of VCO band
setting
Controls VCO band setting functionality.
0 = the device automatically selects the VCO band (default).
1 = VCO band defined by Register 0x10[7:1].
0x0F
[7:2]
VCO level control
Controls the VCO amplitude from minimum (00 0000) to maximum (11 1111). The
default is 10 0000.
These bits are ineffective unless 0x0E[6] = 0.
[1:0]
Unused
Unused.
0x10
[7:1]
VCO band control
Controls the VCO frequency band from minimum (000 0000) to maximum (111 1111).
The default is 100 0000.
0
Unused
Unused.
PLL Control (Register 0x11 to Register 0x19)
Table 21.
Address
Bit
Bit Name
Description
0x11
[7:0]
N
The 8-bit integer divide value for the SDM. Default is 0x00.
Note that operational limitations impose a lower boundary of 64 (0x40) on N.
0x12
[7:0]
MOD
Bits[19:12] of the 20-bit modulus of the SDM.
0x13
[7:0]
MOD
Bits[11:4] of the 20-bit modulus of the SDM.
0x14
[7:4]
MOD
Bits[3:0] of the 20-bit modulus of the SDM.
Default is MOD = 1000 0000 0000 0000 0000 (524,288).
3
Enable SPI control of
output frequency
Controls output frequency functionality.
0 = output frequency defined by the Y[3:0] pins (default).
1 = contents of Register 0x11 to Register 0x17 define output frequency via N, MOD, and FRAC.
2
Bypass SDM
Controls bypassing of the SDM.
0 = allow integer-plus-fractional division (default).
1 = allow only integer division.
1
Disable SDM
Controls the SDM internal clocks.
0 = normal operation (SDM clocks active) (default).
1 = SDM disabled (SDM clocks stopped).
0
Reset PLL
Controls initialization of the PLL.
0 = normal operation (default).
1 = resets the counters and logic associated with the PLL but does not affect the output dividers.
0x15
[7:0]
FRAC
Bits[19:12] of the 20-bit fractional part of the SDM.
0x16
[7:0]
FRAC
Bits[11:4] of the 20-bit fractional part of the SDM.
0x17
[7:4]
FRAC
Bits[3:0] of the 20-bit fractional part of the SDM.
Default is FRAC = 0010 0000 0000 0000 0000 (131,072).
[3:1]
Unused
Write zeros to these bits when programming this register.
0
P1 divider
Bit 5 of the 6-bit P1 divider for OUT1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com