Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

561 Datasheet(PDF) 85 Page - Intel Corporation

Part # 561
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

561 Datasheet(HTML) 85 Page - Intel Corporation

Back Button 561 Datasheet HTML 81Page - Intel Corporation 561 Datasheet HTML 82Page - Intel Corporation 561 Datasheet HTML 83Page - Intel Corporation 561 Datasheet HTML 84Page - Intel Corporation 561 Datasheet HTML 85Page - Intel Corporation 561 Datasheet HTML 86Page - Intel Corporation 561 Datasheet HTML 87Page - Intel Corporation 561 Datasheet HTML 88Page - Intel Corporation 561 Datasheet HTML 89Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 96 page
background image
Datasheet
85
Features
6
Features
6.1
Power-On Configuration Options
Several configuration options can be configured by hardware. The Pentium 4 processor in the 775-
land package samples the hardware configuration at reset, on the active-to-inactive transition of
RESET#. For specifications on these options, refer to Table 6-1.
The sampled information configures the processor for subsequent operation. These configuration
options cannot be changed except by another reset. All resets reconfigure the processor; for reset
purposes, the processor does not distinguish between a "warm" reset and a "power-on" reset.
Frequency determination functionality will exist on engineering sample processors which means
that samples can run at varied frequencies. Production material will have the bus to core ratio
locked and can only be operated at the rated frequency.
6.2
Clock Control and Low Power States
The processor allows the use of AutoHALT and Stop-Grant states to reduce power consumption by
stopping the clock to internal sections of the processor, depending on each particular state. See
Figure 6-1 for a visual representation of the processor low power states.
The processor adds support for the Enhanced HALT powerdown state. Refer to Figure 6-1 and the
following sections.
Not all processors are capable of supporting the Enhanced HALT state. Refer to the Specification
Update to determine which processor stepping and frequencies will support the Enhanced HALT
state.
Table 6-1. Power-On Configuration Option Signals
Configuration Option
Signal1, 2
NOTES:
1.
Asserting this signal during RESET# will select the corresponding option.
2.
Address signals not identified in this table as configuration options should not be asserted during RESET#.
Output tristate
SMI#
Execute BIST
INIT#
In Order Queue pipelining (set IOQ depth to 1)
A7#
Disable MCERR# observation
A9#
Disable BINIT# observation
A10#
APIC Cluster ID (0-3)
A[12:11]#
Disable bus parking
A15#
Disable Hyper-Threading Technology
A31#
Symmetric agent arbitration ID
BR0#
RESERVED
A[6:3]#, A8#, A[14:13]#, A[16:30]#, A[32:35]#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com