Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

561 Datasheet(PDF) 40 Page - Intel Corporation

Part # 561
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

561 Datasheet(HTML) 40 Page - Intel Corporation

Back Button 561 Datasheet HTML 36Page - Intel Corporation 561 Datasheet HTML 37Page - Intel Corporation 561 Datasheet HTML 38Page - Intel Corporation 561 Datasheet HTML 39Page - Intel Corporation 561 Datasheet HTML 40Page - Intel Corporation 561 Datasheet HTML 41Page - Intel Corporation 561 Datasheet HTML 42Page - Intel Corporation 561 Datasheet HTML 43Page - Intel Corporation 561 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 96 page
background image
40
Datasheet
Package Mechanical Specifications
3.5
Package Insertion Specifications
The Pentium 4 processor in the 775-land package can be inserted into and removed from a
LGA775 socket 15 times. The socket should meet the LGA775 requirements detailed in the
LGA775 Socket Mechanical Design Guide.
3.6
Processor Mass Specification
The typical mass of the Pentium 4 processor in the 775-land package is 21.5 g [0.76 oz]. This mass
[weight] includes all the components that are included in the package.
3.7
Processor Materials
Table 3-3 lists some of the package components and associated materials.
3.8
Processor Markings
Figure 3-5 and Figure 3-6 show the topside markings on the processor. These diagrams aid in the
identification of the Pentium 4 processor in the 775-land package.
Table 3-3. Processor Materials
Component
Material
Integrated Heat Spreader (IHS)
Nickel Plated Copper
Substrate
Fiber Reinforced Resin
Substrate Lands
Gold Plated Copper
Figure 3-5. Processor Top-Side Marking Example
ATPO
S/N
S-Spec/CountryofAssy
INTEL
Pentium
4
®
SLxxx
[COO]
[FPO]
m
© ‘04
Frequency/L2Cache/Bus/
775_VR_CONFIG_04x
FPO
2-DMatrixMark
UniqueUnit
Identifier
ATPO Serial#
3.60GHz/1M/800/04B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com