Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

561 Datasheet(PDF) 19 Page - Intel Corporation

Part # 561
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

561 Datasheet(HTML) 19 Page - Intel Corporation

Back Button 561 Datasheet HTML 15Page - Intel Corporation 561 Datasheet HTML 16Page - Intel Corporation 561 Datasheet HTML 17Page - Intel Corporation 561 Datasheet HTML 18Page - Intel Corporation 561 Datasheet HTML 19Page - Intel Corporation 561 Datasheet HTML 20Page - Intel Corporation 561 Datasheet HTML 21Page - Intel Corporation 561 Datasheet HTML 22Page - Intel Corporation 561 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 96 page
background image
Datasheet
19
Electrical Specifications
2.4.1
Phase Lock Loop (PLL) Power and Filter
VCCA and VCCIOPLL are power sources required by the PLL clock generators for the Pentium 4
processor in the 775-land package. Since these PLLs are analog, they require low noise power
supplies for minimum jitter. Jitter is detrimental to the system: it degrades external I/O timings as
well as internal core timings (i.e., maximum frequency). To prevent this degradation, these supplies
must be low pass filtered from VTT.
The AC low-pass requirements, with input at VTT are as follows:
• < 0.2 dB gain in pass band
• < 0.5 dB attenuation in pass band < 1 Hz
• > 34 dB attenuation from 1 MHz to 66 MHz
• > 28 dB attenuation from 66 MHz to core frequency
The filter requirements are illustrated in Figure 2-1.
.
NOTES:
1. Diagram not to scale.
2. No specification exists for frequencies beyond fcore (core frequency).
3. fpeak, if existent, should be less than 0.05 MHz.
Figure 2-1. Phase Lock Loop (PLL) Filter Requirements
0 dB
–28 dB
–34 dB
0.2 dB
–0.5 dB
1 MHz
66 MHz
fcore
fpeak
1 Hz
DC
Passband
High
Frequency
Band
Filter_Spec
Forbidden
Zone
Forbidden
Zone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com