Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8031EVPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTM8031EVPBF
Description  Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8031EVPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM8031EVPBF Datasheet HTML 7Page - Linear Technology LTM8031EVPBF Datasheet HTML 8Page - Linear Technology LTM8031EVPBF Datasheet HTML 9Page - Linear Technology LTM8031EVPBF Datasheet HTML 10Page - Linear Technology LTM8031EVPBF Datasheet HTML 11Page - Linear Technology LTM8031EVPBF Datasheet HTML 12Page - Linear Technology LTM8031EVPBF Datasheet HTML 13Page - Linear Technology LTM8031EVPBF Datasheet HTML 14Page - Linear Technology LTM8031EVPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTM8031
11
8031fa
APPLICATIONS INFORMATION
than 56V. If BIAS power is applied from a remote or noisy
voltage source, it may be necessary to apply a decoupling
capacitor locally to the LTM8031.
Load Sharing
Two or more LTM8031s may be paralleled to produce higher
currents. This may, however, alter the EMI performance of
the LTM8031s. To do this, tie the VIN, ADJ, VOUT and SHARE
pins of all the paralleled LTM8031s together. To ensure that
paralleled modules start up together, the RUN/SS pins may
be tied together, as well. Synchronize the LTM8031s to an
external clock to eliminate beat frequencies, if required.
If the RUN/SS pins are not tied together, make sure that
the same valued soft-start capacitors are used for each
module. An example of two LTM8031 modules configured
for load sharing is given in the Typical Applications sec-
tion. For 2A applications also see the LTM8032, 2A EMC
DC/DC μModule regulator
Burst Mode Operation
To enhance efficiency at light loads, the LTM8031 auto-
matically switches to Burst Mode operation which keeps
the output capacitor charged to the proper voltage while
minimizing the input quiescent current. During Burst Mode
operation, the LTM8031 delivers single cycle bursts of
current to the output capacitor followed by sleep periods
where the output power is delivered to the load by the output
capacitor. In addition, VIN and BIAS quiescent currents are
reduced to typically 20μA and 50μA respectively during
the sleep time. As the load current decreases towards a
no-load condition, the percentage of time that the LTM8031
operates in sleep mode increases and the average input
current is greatly reduced, resulting in higher efficiency.
Burst Mode operation is enabled by tying SYNC to GND. To
disable Burst Mode operation, tie SYNC to a stable voltage
above 0.7V. Do not leave the SYNC pin floating.
Minimum Input Voltage
The LTM8031 is a step-down converter, so a minimum
amount of headroom is required to keep the output in regu-
lation. In addition, the input voltage required to turn on is
higher than that required to run, and depends upon whether
the RUN/SS is used. As shown in the Typical Performance
Characteristics section, it takes only about 3.6VIN for the
LTM8031 to run a 3.3V output at light load. If RUN/SS is
pulled up to VIN, it takes 5.7VIN to start. If the LTM8031
is enabled via the RUN/SS pin, the minimum voltage to
start at light loads is lower, about 4.4V. Similar curves for
2.5VOUT, 5VOUT and 8VOUT operation are also provided in
the Typical Performance Characteristics section.
Soft-Start
The RUN/SS pin can be used to soft-start the LTM8031,
reducing the maximum input current during start-up. The
RUN/SS pin is driven through an external RC network to
create a voltage ramp at this pin. Figure 1 shows the start-
up and shutdown waveforms with the soft-start circuit. By
choosing an appropriate RC time constant, the peak start-up
current can be reduced to the current that is required to
regulate the output, with no overshoot. Choose the value
of the resistor so that it can supply at least 20μA when
the RUN/SS pin reaches 2.5V.
8031 F01
IL
0.5A/DIV
VRUN/SS
2V/DIV
VOUT
2V/DIV
RUN/SS
GND
0.22μF
RUN
15k
2ms/DIV
Figure 1. To Soft-Start the LTM8031, Add a Resistor
and Capacitor to the RUN/SS Pin
Synchronization
The internal oscillator of the LTM8031 can be synchro-
nized by applying an external 250kHz to 2MHz clock to
the SYNC pin. Do not leave this pin floating. The resistor
tied from the RT pin to ground should be chosen such
that the LTM8031 oscillates 20% lower than the intended
synchronization frequency (see the Frequency Selection
section). The LTM8031 will not enter Burst Mode operation
while synchronized to an external clock, but will instead
skip pulses to maintain regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com