Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8031EVPBF Datasheet(PDF) 14 Page - Linear Technology

Part # LTM8031EVPBF
Description  Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8031EVPBF Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM8031EVPBF Datasheet HTML 10Page - Linear Technology LTM8031EVPBF Datasheet HTML 11Page - Linear Technology LTM8031EVPBF Datasheet HTML 12Page - Linear Technology LTM8031EVPBF Datasheet HTML 13Page - Linear Technology LTM8031EVPBF Datasheet HTML 14Page - Linear Technology LTM8031EVPBF Datasheet HTML 15Page - Linear Technology LTM8031EVPBF Datasheet HTML 16Page - Linear Technology LTM8031EVPBF Datasheet HTML 17Page - Linear Technology LTM8031EVPBF Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTM8031
14
8031fa
APPLICATIONS INFORMATION
Figure 4. A Well Chosen Input Network Prevents Input Voltage Overshoot and Ensures
Reliable Operation When the LTM8031 is Hot-Plugged to a Live Supply
correlation. Bear in mind that the actual thermal resistance
of the LTM8031 to the printed circuit board depends upon
the design of the circuit board. The die temperature of
the LTM8031 must be lower than the maximum rating of
125°C, so care should be taken in the layout of the circuit
to ensure good heat sinking of the LTM8031.
The bulk of the heat flow out of the LTM8031 is through the
bottom of the module and the LGA pads into the printed
circuit board. Consequently a poor printed circuit board
design can cause excessive heating, resulting in impaired
performance or reliability. Please refer to the PCB Layout
section for printed circuit board design suggestions.
Finally, be aware that at high ambient temperatures the
internal Schottky diode will have significant leakage current
increasing the quiescent current of the LTM8031.
+
LTM8031
4.7μF
VIN
20V/DIV
IIN
10A/DIV
20μs/DIV
VIN
CLOSING SWITCH
SIMULATES HOT PLUG
IIN
(4a)
(4b)
LOW
IMPEDANCE
ENERGIZED
24V SUPPLY
STRAY
INDUCTANCE
DUE TO 6 FEET
(2 METERS) OF
TWISTED PAIR
+
LTM8031
4.7μF
0.1μF
0.7Ω
VIN
20V/DIV
IIN
10A/DIV
20μs/DIV
DANGER
RINGING VIN MAY EXCEED
ABSOLUTE MAXIMUM RATING
(4c)
+
4.7μF
22μF
35V
AI.EI.
8031 F04
VIN
20V/DIV
IIN
10A/DIV
20μs/DIV
+
VIN
LTM8031
VIN
FIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com