Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3302/36 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3302/36
Description  3M Color Coded Flat Cable - .050 28 AWG Stranded, PVC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3302/36 Datasheet(HTML) 1 Page - 3M Electronics

  3302/36 Datasheet HTML 1Page - 3M Electronics 3302/36 Datasheet HTML 2Page - 3M Electronics 3302/36 Datasheet HTML 3Page - 3M Electronics 3302/36 Datasheet HTML 4Page - 3M Electronics 3302/36 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Color Coded Flat Cable
.050" 28 AWG Stranded, PVC
3302 Series
• 28 AWG wire on .050 inch centers permits mass
termination to a broad line of IDC connectors
• Stranded wire provides flexibility and extended
product life
• Zippable for branching or discrete termination
• Color coded for wire identification
• See Regulatory Information Appendix (RIA for
chemical compliance information
(RIA E1 & C1 apply)
Date Modified: May 7, 2009
TS-0123-B
Sheet 1 of 2
Physical
Insulation:
Material: Polyvinyl Chloride (PVC)
Color: 10 Color Repeat, Clear Carrier
Marking:
Standard: None
Canadian Option:
AWM 20462 105C 300V VW1 3M NU C
AWM IA 80C 150V FT1 EU <50V
Conductors: 22 AWG, 7 × 36 AWG [ 7 × Ø 0.127 ] Tinned Stranded Copper
Electrical
Voltage Rating: USA: 300V
Canada: 150V
EU: <50V
Insulation Resistance: > 1 × 109
Ω/10 ft. [ 3 m ]
Characteristic Impedance: Unbalanced
105
Ω
Capacitance: 14.1 pF/ft [ 46.3 pF/m ]
Inductance: 0.15 μH/ft [ 0.49 μH/m ]
Propagation Delay: 1.47 ns/ft [ 4.82 ns/m ]
Velocity of Propagation: 69%
Note: Unbalanced is measured between ground-signal-ground conductors.
Environmental
Temperature Rating: USA: -20°C to +105°C
Canada: -20°C to +80°C
Flammability Rating: USA: VW-1
Canada: FT1
UL File No.: E42769, Style No: 20462


Similar Part No. - 3302/36

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
3302 VMI-3302 Datasheet
245Kb / 2P
200 V - 1,000 V Three Phase Bridge 9.0 A - 10.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
Pomona Electronics
3302 POMONA-3302 Datasheet
28Kb / 1P
Shielded Aluminum Box, Size F With BNC Females Both Ends
logo
Bourns Electronic Solut...
3302 BOURNS-3302 Datasheet
186Kb / 1P
2 mm SMD Trimpot짰 Trimming Potentiometer
3302 BOURNS-3302 Datasheet
146Kb / 2P
Trimmer
logo
KR Electronics, Inc.
3302 KR-3302 Datasheet
71Kb / 3P
KR Electronics part number 3302 is a 300 MHz bandpass filter
More results

Similar Description - 3302/36

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3811 3M-3811 Datasheet
46Kb / 2P
050 Color Coded Flat Cable
19-Feb-1999
3365 3M-3365 Datasheet
1Mb / 5P
3M Round Conductor Flat Cable .050 28 AWG Stranded, PVC
07-May-2009
3644 3M-3644 Datasheet
870Kb / 6P
3M Round, Shielded/Jacketed, Disc. Wire Cable 28 AWG Stranded, Twisted Pair, PO/PVC
13-May-2009
3659 3M-3659_1 Datasheet
1Mb / 5P
3M Round, Shielded/Jacketed, Flat Cable .050 28 AWG Stranded, Mass Terminatable, PVC/PVC
11-May-2009
3625-40100M 3M-3625-40100M Datasheet
870Kb / 5P
3M™ Round Conductor Flat Cable 1.0 mm 28 AWG Stranded, PVC
13-May-2009
logo
Tyco Electronics
171-50 MACOM-171-50 Datasheet
81Kb / 2P
FLAT CABLE 28 AWG STRANDED PVC INSULATION
logo
3M Electronics
1700-10 3M-1700-10 Datasheet
1Mb / 5P
.050" 28 AWG Stranded, Mass Terminatable Pair, PVC
04-May-2009
M1MXK-5036R 3M-M1MXK-5036R Datasheet
1Mb / 3P
3M Color Coded Flat Cable
01-May-2012
logo
List of Unclassifed Man...
1346367 ETC2-1346367 Datasheet
102Kb / 3P
Beldens 050 pitch color-coded PVC flat cable allows for quick identification and circuit tracing
logo
3M Electronics
3896 3M-3896 Datasheet
752Kb / 5P
3M™ Round, Jacketed, Flat Cable .025 30 AWG Stranded, Mass-Term, PVC/PVC
May 14, 2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com