Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87YSS6F Datasheet(PDF) 22 Page - STMicroelectronics

Part # M41ST87YSS6F
Description  5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YSS6F Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M41ST87YSS6F Datasheet HTML 18Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 19Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 20Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 21Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 22Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 23Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 24Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 25Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
Operating modes
M41ST87Y, M41ST87W
22/52
Doc ID 9497 Rev 8
2.6.6
Tamper detect sampling (TDS1 and TDS2)
This bit selects between a 1Hz sampling rate or constant monitoring of the tamper input
pin(s) to detect a tamper event when the normally closed switch mode is selected. This
allows the user to reduce the current drain when the TEBX bit is enabled while the device is
in battery backup (see Table 4 on page 23 and Figure 17 on page 23). Sampling is disabled
if the TCMX bit is set to logic '1' (Normally Open). In this case the state of the TDSX bit is a
“Don’t care.”
Note:
The crystal oscillator must be “on” for sampling to function. If the oscillator is stopped, the
tamper detect circuit will revert to continuous monitoring.
2.6.7
Tamper current high/tamper current low (TCHI/TCLO1 and
TCHI/TCLO2)
This bit selects the strength of the internal pull-up or pull-down used during the sampling of
the normally closed condition. The state of the TCHI/TCLOX bit is a “Don’t care” for normally
open (TCMX = '1') mode (see Figure 18 on page 24).
2.6.8
RAM clear (CLR1 and CLR2)
When either CLR1 or CLR2 and the TEBX bit are set to a logic '1,' the internal 128 bytes of
user RAM (see Figure 15 on page 21) will be cleared to all zeros in the event of a tamper
condition. Furthermore, the 128 bytes of user RAM will be deselected (inaccessible) until
the corresponding TEBX bit is reset to '0.' Any data read during this time will be invalid. (ie.
the cleared RAM values cannot be accessed.)
2.6.9
RAM clear external (CLR1EXT and CLR2EXT) - available in SOX28
package only
When either CLR1EXT or CLR2EXT is set to a logic '1' and the TEBX bit is also set to logic '1,'
the TPCLR signal will be asserted for clearing external RAM, and the RST output asserted
upon detection of a tamper event (see Figure 15 on page 21 and Figure 20 on page 25).
Note:
The reset output resulting from a tamper event will be the same as a reset resulting from a
power-down condition, a watchdog time-out, or a manual reset (RSTIN1 or RSTIN2); the
RST output will be asserted for trec seconds.
This is accomplished by forcing TPCLR high, which if used to control the inhibit pin of the DC
regulator (see Figure 20 on page 25) will also switch off VOUT, depriving the external SRAM
of power to the VCC pin. VOUT will automatically be disconnected from the battery if the
tamper occurs during battery back-up (see Figure 19 on page 24). By inhibiting the DC
regulator, the user will also prevent other inputs from sourcing current to the external SRAM,
which would allow it to retain data otherwise.
The user may optionally connect an inverting charge pump to the VCC pin of the external
SRAM (see Figure 20 on page 25). Depending on the process technology used for the
manufacturing of the external SRAM, clearing the memory may require varying durations of
negative potential on the VCC pin. This device configuration will allow the user to program
the time needed for their particular application. Control Bits CLRPW0 and CLRPW1
determine the duration TPCLR will be enabled (see Figure 19 on page 24 and Table 5 on
page 25).
Note:
When using the inverting charge pump, the user must also provide isolation in the form of
two additional small-signal power MOSFETs. These will isolate the VOUT pin from both the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com