Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87YSS6F Datasheet(PDF) 38 Page - STMicroelectronics

Part # M41ST87YSS6F
Description  5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YSS6F Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M41ST87YSS6F Datasheet HTML 34Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 35Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 36Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 37Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 38Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 39Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 40Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 41Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
Clock operation
M41ST87Y, M41ST87W
38/52
Doc ID 9497 Rev 8
Table 10.
Reset AC characteristics
3.9
Power-fail comparators (1 and 2)
Two power-fail inputs (PFI1 and PFI2) are compared to an internal reference voltage (1.25V).
If either PFI1 or PFI2 is less than the power-fail threshold (VPFI), the associated power-fail
output (PFO1 or PFO2) will go low. This function is intended for use as an under-voltage
detector to signal a failing power supply. Typically PFI1 and PFI2 are connected through
external voltage dividers (see Figure 5 on page 11) to either the unregulated DC input (if it is
available) or the regulated output of the VCC regulator. The voltage divider can be set up
such that the voltage at PFI1 or PFI2 falls below VPFI several milliseconds before the
regulated VCC input to the M41ST87Y/W or the microprocessor drops below the minimum
operating voltage, thus providing an early warning of power failure.
During battery back-up, the power-fail comparator turns off and PFO1 and PFO2 go (or
remain) low. This occurs after VCC drops below VPFD(min). When power returns, PFO1 and
PFO2 are forced high, irrespective of VPFI for the write protect time (trec), which is the time
from VPFD(max) until the inputs are recognized. At the end of this time, the power-fail
comparator is enabled and PFO1 and PFO2 follow PFI1 and PFI2. If the comparator is
unused, PFI1 or PFI2 should be connected to VSS and the associated PFO1 or PFO2 left
unconnected.
3.10
Power-fail outputs
The PFO1 and PFO2 outputs are programmable as N-channel, open drain output drivers, or
full-CMOS output drivers. By setting the power-fail output open drain bit (PFOD) to a '1,' the
output will be configured as open drain (with IOL as specified in Table 17 on page 44). When
PFOD is set to '0,' the outputs will be configured as full-CMOS (sink and source current as
specified in Table 17 on page 23).
Note:
When configured as open drain (PFOD = '1'), PFO1 and PFO2 will require an external pull-
up resistor.
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 4.5 to 5.5 V or 2.7 to 3.6 V (except
where noted).
Min
Max
Unit
tR1
(2)
2.
Pulse widths of less than 100 ns will result in no RESET (for noise immunity).
RSTIN1 low to RST low (min pulse width)
100
200
ns
tR2
(2)
RSTIN2 low to RSTIN2 high (min pulse width)
100
200
ns
trec
(3)
3.
Programmable (see Table 12 on page 40). Same function as power-on reset.
RSTIN1 or RSTIN2 high to RST high
96
98(3)
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com