Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87YSS6F Datasheet(PDF) 45 Page - STMicroelectronics

Part # M41ST87YSS6F
Description  5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YSS6F Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M41ST87YSS6F Datasheet HTML 41Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 42Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 43Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 44Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 45Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 46Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 47Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 48Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
M41ST87Y, M41ST87W
DC and AC parameters
Doc ID 9497 Rev 8
45/52
VSO
Battery backup
switchover
2.5
2.5
V
RSW
External switch
resistance on
tamper pin
500
500
Ω
1.
Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 4.5 to 5.5 V or 2.7 to 3.6 V (except where noted).
2.
Measured with VOUT and ECON open. Not including tamper detection current (see Table 4 on page 23).
3.
RSTIN1 and RSTIN2 internally pulled-up to VCC through 100 kΩ resistor. WDI internally pulled-down to VSS through
100 k
Ω resistor.
4.
Outputs deselected.
5.
External SRAM must match RTC supervisor chip VCC specification.
6.
For PFO1 and PFO2 (if PFOD = '0'), SQW/FT (if SQWOD = '0'), and TPCLR pins (CMOS).
7.
Conditioned output (ECON) can only sustain CMOS leakage current in the battery backup mode. Higher leakage currents
will reduce battery life.
8.
TPCLR output can source –300 µA (typ) for VBAT = 2.9 V.
9.
For IRQ/OUT, SQW/FT (if SQWOD = '1'), PFO1 and PFO2 (if PFOD = '1'), RST, SDA, and F32k pins (open drain).
Table 17.
DC characteristics (continued)
Table 18.
Crystal(1) electrical characteristics
Symbol
Parameter(2)
Min
Typ
Max
Units
fO
Resonant frequency
32.768
kHz
RS
Series resistance
65(3)
k
Ω
CL
Load capacitance
12.5
pF
1.
User supplied for the 20-lead SSOP package. STMicroelectronics recommends the KDS DT-38 (3 x 8 mm) for thru-hole, or
the KDS DMX-26S (3.2 x 8 mm) for surface-mount, tuning fork-type quartz crystals. For contact information, see Section 8:
References on page 50.
2.
Load capacitors are integrated within the M41ST87. Circuit board layout considerations for the 32.768 kHz crystal of
minimum trace lengths and isolation from RF generating signals should be taken into account.
3.
TA = –40 to 85 °C (guaranteed by design).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com