Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV223X Datasheet(PDF) 68 Page - STMicroelectronics

Part # STV223X
Description  I²C bus-controlled multistandard single chip TV processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV223X Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STV223X Datasheet HTML 64Page - STMicroelectronics STV223X Datasheet HTML 65Page - STMicroelectronics STV223X Datasheet HTML 66Page - STMicroelectronics STV223X Datasheet HTML 67Page - STMicroelectronics STV223X Datasheet HTML 68Page - STMicroelectronics STV223X Datasheet HTML 69Page - STMicroelectronics STV223X Datasheet HTML 70Page - STMicroelectronics STV223X Datasheet HTML 71Page - STMicroelectronics STV223X Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 86 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STV224X, STV228X, STV223X - INPUT/OUTPUT SCHEMATIC DIAGRAMS
68/86
Figure 39. RGB & YCrCb External Video Inputs
Figure 40. External Fast Blanking Input
VCC2 (8 V)
GND2
GND2
GND2
GND2
GND2
GND2
BEXT/CB
Pin 25 (SDIP56)
GEXT/Y
Pin 26 (SDIP56)
REXT/CR
Pin 27 (SDIP56)
VCC2 (8 V)
VCCD (5 V)
GND2
GND2
GND2
GND2
GND2
GND2
GND2
GND2
GND2
FBEXT
Pin 28 (SDIP56)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com