Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV223X Datasheet(PDF) 46 Page - STMicroelectronics

Part # STV223X
Description  I²C bus-controlled multistandard single chip TV processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV223X Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STV223X Datasheet HTML 42Page - STMicroelectronics STV223X Datasheet HTML 43Page - STMicroelectronics STV223X Datasheet HTML 44Page - STMicroelectronics STV223X Datasheet HTML 45Page - STMicroelectronics STV223X Datasheet HTML 46Page - STMicroelectronics STV223X Datasheet HTML 47Page - STMicroelectronics STV223X Datasheet HTML 48Page - STMicroelectronics STV223X Datasheet HTML 49Page - STMicroelectronics STV223X Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 86 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STV224X, STV228X, STV223X - I²C BUS SELECTION
46/86
Note 1: Specification changed versus STV223XD/224XC.
Note 2: New feature versus STV223XD/224XC.
6.2 SUMMARY OUTPUT SIGNALS (READ MODE)
11
ACCO
ON/OFF
NTSC 104
Matrix
PAL/NTSC
Demod.
Gain
Bell Filter Shift
12
Not to be used
Chroma DL
ON/OFF
Chroma Out
ON/OFF
Bandpass Shift
13
Not to be used
Crystal In-
put Pin Disa-
ble
Chroma Standard Selec-
tion
Crystal Selection
3rd Crystal
14
Flesh Char.
Flesh
ON/OFF
Hue
15
Safety Reset
Not to be used
SVHS switch
Second Video Switch Con-
trol
Main Video
Switch Control
16
Interlace
HOUT
Disable
Horizontal Shift
17
50/60Hz Selection
Vertical Amplitude
18
Vertical
Sync
ON/OFF
Line Sync
ON/OFF
PLL1 Time Constant
Vertical Position
19
AV Mode
Time
Constant
(Note 2)
Copy
Protection
Mode
(Note 2)
Wide Line
Blanking
(Note 2)
Not to be
Used
Noise Detector
Threshold
Long
Blanking
Vertical
Output Low
Level
Control
1A
Manual Cut-off Register - Red
1B
Manual Cut-off Register - Green
1C
Manual Cut-off Register - Blue
1D
CVBS1out
1E
Not to be used
AGC SIF
Time
Constant
Not to be used
1F
Audio Out
(Mono or Sound
subcarriers)
AVL
Luma Delay
Shift
Not to be
used
Sound
Status
Refresh
VERT Out-
put Inhibition
Reg.
Addr.
(Hex)
Data D7
Data D6
Data D5
Data D4
Data D3
Data D2
Data D1
Data D0
00
Chroma Standard
Selection Status
Crystal Selection Status
Video Ident.
Status
Field Lock
Status
50/60 Hz
Status
Power ON
Reset
01
FM Dem.
VCO Cal.
Status
Scanning
VCO Cal.
Status
Test
Not to be
Used
FBext De-
tection
Safety
Status
Horizontal
Lock Status
Noise Detec-
tor Status
SVHS
Status
02
Cut-off loop status
FM Sound Carrier Levels
Digital AF Status
03
Tuner AGC
Output Sta-
tus or AVL
Gain Status
IC Identification
Reg.
Addr.
(Hex)
Data D7
Data D6
Data D5
Data D4
Data D3
Data D2
Data D1
Data D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com