Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV223X Datasheet(PDF) 35 Page - STMicroelectronics

Part # STV223X
Description  I²C bus-controlled multistandard single chip TV processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV223X Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STV223X Datasheet HTML 31Page - STMicroelectronics STV223X Datasheet HTML 32Page - STMicroelectronics STV223X Datasheet HTML 33Page - STMicroelectronics STV223X Datasheet HTML 34Page - STMicroelectronics STV223X Datasheet HTML 35Page - STMicroelectronics STV223X Datasheet HTML 36Page - STMicroelectronics STV223X Datasheet HTML 37Page - STMicroelectronics STV223X Datasheet HTML 38Page - STMicroelectronics STV223X Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 86 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STV224X, STV228X, STV223X - ELECTRICAL CHARACTERISTICS
35/86
4.7.3 Bell Filter
4.8 CHROMA PART
4.8.1 ACC
4.8.2 ACC Overload
4.8.3 Killer
4.8.4 Chroma PLL
4.8.5 PLL Loop Filter (PAL/NTSC)
4.8.6 Hue Control
4.8.7 Automatic Flesh Control
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
fBELL
Center Frequency
Register 11h, d4-d0 = 00000
4.27
4.29
4.31
MHz
QBP
Bell Quality Factor
14
16
18
-
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
GACC
ACC Control Range
Change of burst overall ACC control
range < 2dB
26
dB
VMin.
Minimum Burst Signal Amplitude
Within the ACC control range
0.03
VPP
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VTH
Chroma regulation Threshold
ACC overload ON, PAL/NTSC
3
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ident-kill
Color on Threshold of ident. circuit
Burst amplitude on selected CVBS
input
5
mVPP
Kill-Hyst
Color off Killer Hysteresis
Strong signal condition, S/N > 40 dB
2
mVPP
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
CaptR
Catching Range
With recommended crystal and rec-
ommended CLPF filter value.
±300
HoldR
Holding Range
> or = to capture range
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC
Maximum Control Current
Color search mode (colour not ident.)
Color identified
1000
350
µA
IL
Leakage Current
5µA
Frange-W
Auto Flesh Control
Register 14(HEX), d6 = 1, d7 = 1
±90
Deg
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RHUE
Hue Control Range
±35
±45
±55
Deg
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
FleshNom. Nominal Flesh Tint Phase
118
Deg
Fcorr0
Phase Correction when Auto Flesh
ON
At FleshNom
0
Deg
FMax.-N
Maximum Phase Correction
Register 14(HEX), d6 = 1, d7 = 0
±10
Deg
Flesh-N
Chroma Input Phase at Max. cor-
rection
Register 14(HEX), d6 = 1, d7 = 0
±30
Deg
Frange-N
Auto Flesh Control Range
Register 14(HEX), d6 = 1, d7 = 0
±60
Deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com