Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCS2200SQLT1 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCS2200SQLT1
Description  Low Voltage Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2200SQLT1 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCS2200SQLT1 Datasheet HTML 2Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 3Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 4Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 5Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 6Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 7Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 8Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 9Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NCS2200 Series, NCS2200A
http://onsemi.com
6
1000
100
10
1.0
0.1
40
60
20
0
80
100
120
140
160
10
100
1.0
1000
−50
10
50
7.0
25
−25
6.0
FREQUENCY (kHz)
Figure 1. NCS2200 Series Supply Current
versus Temperature
Figure 2. NCS2200 Series Supply Current
versus Output Transition Frequency
0
12
10
8.0
6.0
3.0
2.0
4.0
2.0
0
1.0
4.0
5.0
6.0
Figure 3. NCS2200 Series Supply Current
versus Supply Voltage
VCC, SUPPLY VOLTAGE (V)
Figure 4. NCS2200 Output Voltage
High State versus Output Source Current
Isource, OUTPUT SOURCE CURRENT (mA)
Figure 5. NCS2200 Series Output Voltage
Low State versus Output Sink Current
Isink, OUTPUT SINK CURRENT, (mA)
Figure 6. NCS2200 Series Output Voltage
Low State versus Temperature
TA, AMBIENT TEMPERATURE (°C)
12
0.01
0.1
1.0
10
0.01
10
300
−100
50
0
100
−50
150
TA, AMBIENT TEMPERATURE (°C)
8.0
9.0
11
75
100
1000
100
10
1.0
0.1
0.01
0.1
1.0
10
TA = 25°C
TA = −40°C
TA = 85°C
100
0.1
1.0
TA = 25°C
VCC = 5.0 V
VCC = 2.7 V
0
VCC = 5.0 V
VCC = 5.0 V
TA = 25°C
VCC = 5.0 V
TA = 25°C
VCC = 5.0 V
ILOAD = 4.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com