Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCS2200SQLT1 Datasheet(PDF) 15 Page - ON Semiconductor

Part # NCS2200SQLT1
Description  Low Voltage Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2200SQLT1 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button NCS2200SQLT1 Datasheet HTML 9Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 10Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 11Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 12Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 13Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 14Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 15Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 16Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
NCS2200 Series, NCS2200A
http://onsemi.com
15
PACKAGE DIMENSIONS
DFN6, 2x2.2
SQL SUFFIX
CASE 488−03
ISSUE G
0.50
0.020
SCALE 10:1
0.40
0.016
1.9
0.075
0.65
0.025
0.65
0.025
0.50
0.020
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.25 AND 0.30mm FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
5. TERMINAL b MAY HAVE MOLD COMPOUND
MATERIAL ALONG SIDE EDGE.
6. DETAILS A AND B SHOW OPTIONAL VIEWS
FOR END OF TERMINAL LEAD AT EDGE OF
PACKAGE AND SIDE EDGE OF PACKAGE.
C
A
SEATING
PLANE
D
B
E
0.10 C
A3
A
A1
2X
2X
0.10 C
DIM
A
MIN
NOM
MILLIMETERS
0.80
0.90
A1
0.00
0.03
A3
0.20 REF
b
0.20
0.25
D
2.00 BSC
D2
0.40
0.50
0.30
0.35
E
2.20 BSC
b1
e
0.65 BSC
0.30
0.35
L
PIN ONE
REFERENCE
0.08 C
0.10 C
6X
A
0.10
C
NOTE 3
e
b1
D2
b
B
3
6
5X
1
L
4
6X
0.05
C
BOTTOM VIEW
MAX
1.00
0.05
0.30
0.60
0.40
0.40
SIDE VIEW
TOP VIEW
A
0.10
C
NOTE 3
B
0.05
C
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
DETAIL B
DETAIL A
L1
DETAIL A
Bottom View
(Optional)
A1
A3
DETAIL B
Side View
(Optional)
EDGE OF PACKAGE
MOLD CMPD
EXPOSED Cu
0.00
0.05
L1
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com