Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCS2200SQLT1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCS2200SQLT1
Description  Low Voltage Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2200SQLT1 Datasheet(HTML) 4 Page - ON Semiconductor

  NCS2200SQLT1 Datasheet HTML 1Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 2Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 3Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 4Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 5Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 6Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 7Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 8Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NCS2200 Series, NCS2200A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (For all values VCC = 0.85 V to 6.0 V, VEE = 0 V, TA = 25°C, unless otherwise noted.) (Note 4)
NCS2200 Series
Characteristics
Symbol
Min
Typ
Max
Unit
Input Hysteresis TA = 25°C
VHYS
2.0
8.0
20
mV
Input Offset Voltage
VCC = 0.85 V
TA = 25°C
TA = −40°C to 105°C
VCC = 3.0 V
TA = 25°C
TA = −40°C to 105°C
VCC = 6.0 V
TA = 25°C
TA = −40°C to 105°C
VIO
−10
−12
−6.0
−8.0
−5.0
−7.0
0.5
−
0.5
−
0.5
−
+10
+12
+6.0
+8.0
+5.0
+7.0
mV
Common Mode Voltage Range
VCM
−
VEE to VCC
−
V
Output Leakage Current (NCS2202) VCC = 6.0 V
ILEAK
−
3.3
−
nA
Output Short−Circuit Sourcing or Sinking (Vout = GND)
ISC
−
70
−
mA
Common Mode Rejection Ratio VCM = VCC
CMRR
53
65
−
dB
Input Bias Current
IIB
−
1.0
−
pA
Power Supply Rejection Ratio DVS = 2.575 V
PSRR
45
55
−
dB
Supply Current
VCC = 0.85 V
TA = 25°C
TA = −40°C to 105°C
VCC = 3.0 V
TA = 25°C
TA = −40°C to 105°C
VCC = 6.0 V
TA = 25°C
TA = −40°C to 105°C
ICC
−
−
−
10
−
10
−
10
−
15
17
15
17
15
17
mA
Output Voltage High (NCS2200)
VCC = 0.85 V, Isource = 0.5 mA
TA = 25°C
TA = −40°C to 105°C
VCC = 3.0 V, Isource = 3.0 mA
TA = 25°C
TA = −40°C to 105°C
VCC = 6.0 V, Isource = 5.0 mA
TA = 25°C
TA = −40°C to 105°C
VOH
VCC − 0.2
VCC − 0.225
VCC − 0.2
VCC − 0.25
VCC − 0.2
VCC − 0.25
VCC − 0.10
−
VCC − 0.12
−
VCC − 0.12
−
−
−
−
V
Output Voltage Low
VCC = 0.85 V, Isink = 0.5 mA
TA = 25°C
TA = −40°C to 105°C
VCC = 3.0 V, Isink = 3.0 mA
TA = 25°C
TA = −40°C to 105°C
VCC = 6.0 V, Isink = 5.0 mA
TA = 25°C
TA = −40°C to 105°C
VOL
−
−
−
VEE + 0.10
−
VEE + 0.12
−
VEE + 0.12
−
VEE + 0.2
VEE + 0.225
VEE + 0.2
VEE + 0.25
VEE + 0.2
VEE + 0.25
V
Propagation Delay 20 mV Overdrive, CL = 15 pF
tPHL
tPLH
−
−
0.7
1.1
−
−
ms
Output Fall Time VCC = 6.0 V, CL = 50 pF
tFALL
−
20
−
ns
Output Rise Time VCC = 6.0 V, CL = 50 pF
tRISE
−
16
−
ns
Powerup Time
tPU
−
35
−
ms
4. The limits over the extended temperature range are guaranteed by design only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com