Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-2115 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # PPC-2115
Description  Industrial Panel PC with 15 in. LCD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PPC-2115 Datasheet(HTML) 1 Page - National Instruments Corporation

  PPC-2115 Datasheet HTML 1Page - National Instruments Corporation PPC-2115 Datasheet HTML 2Page - National Instruments Corporation PPC-2115 Datasheet HTML 3Page - National Instruments Corporation PPC-2115 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Industrial Panel PC with 15 in. LCD
Overview
The National Instruments PPC-2115 is a fanless industrial panel PC
(PPC) with a built-in touch screen. The NI PPC-2115 offers a thin 2.5 in.
display to save panel space and a 1 GHz Celeron M processor with a
rugged 15 in. TFT color LCD display for large human machine interface
(HMI) applications. Combine the NI LabVIEW Datalogging and
Supervisory Control (DSC) Module with the PPC-2115 to deploy LabVIEW
front panels.
Touch Screen and Display Specifications
The PPC-2115 offers a high-quality 15 in. thin film transistor (TFT)
display with a touch screen. See Table 2 for key display and touch
screen specifications.
Rugged Industrial Design
The PPC-2115 offers fanless cooling over a 0 to 50 °C operating
temperature range. The reduced depth of the PPC-2115 saves limited
rack and panel space on the plant floor while providing 15 in. of touch
screen control for large HMI applications. The PPC-2115 touch screen
display features tempered antireflective glass that is coated to
minimize scratching. NEMA4/IP65 compliance ensures that the unit
meets hose-down requirements. The PPC-2115 features extended shock,
vibration, and temperature ratings plus global safety standards and
agency certifications.
Panel PC Connectivity Options
The PPC-2115 delivers a wide range of connectivity options as shown
in Table 2. The locations for the different connectivity options are shown
in Figure 1.
• 1 GHz Intel Celeron M processor
• 40 GB hard drive and 512 MB RAM
• Fanless cooling for NI programmable
automation controllers (PACs)
• 15 in. XGA TFT color LCD
• Thin 2.5 in. depth to save panel space
• Gigabit and fast Ethernet support
Mounting and Certification
• 0 to 50
°C operating range
• NEMA4/IP65-compliant front panel
• Panel-mount brackets included
NI PPC-2115
NEW!
LAN2
Parallel Port
LAN1
USB PS/2
COM3
(RS232)
COM4
(RS232/
422/485)
COM1
(RS232)
VGA
Figure 1. Bottom View of PPC-2115 Showing Connectivity Options
PPC-2115
Display
15 in. XGA TFT LCD
Contrast ratio
500:1
Luminance
350 cd/m2
Maximum colors
262 k
LCD Maximum resolution
1024 x 768
Touch Screen resolution
1024 x 1024
Table 1. PPC-2015 and PPC-2115 Display Comparison
Connectivity
PPC-2015 PPC-2115
NI Hardware
PCI slots
2
–
M Series, S Series, R Series, E Series
Parrallel ports
1
1
Printers
RS232/422/485
1/1
2/1
Compact FieldPoint and CompactRIO (RS232)
PCMCIA Type II
2
1
DAQCard-60xxE
Hi-Speed USB
5
2
NI CompactDAQ and USB DAQ
Ethernet 10/100
1
1
Compact FieldPoint, CompactRIO, PXI/CompactPCI
Gigabit Ethernet,
10/100/1000
–
1
Compact FieldPoint, CompactRIO, PXI/CompactPCI
PS/2
2
1
Mouse and keyboard
CompactFlash
–
1
Removable data-logging memory
Table 2. Connectivity Options for NI Panel PCs


Similar Part No. - PPC-2115

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
PPC-2E JDSU-PPC-2E Datasheet
229Kb / 3P
2 V Photovoltaic Power Converter
More results

Similar Description - PPC-2115

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPPC-6152F ADVANTECH-IPPC-6152F Datasheet
700Kb / 2P
15 XGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with 2 x PCI Slots
IPPC-7157A ADVANTECH-IPPC-7157A Datasheet
701Kb / 2P
15 XGA TFT LCD Pentium짰 4 Industrial Panel PC with 7 Expansion Slots and Keypad
IPPC-7158B ADVANTECH-IPPC-7158B Datasheet
744Kb / 2P
15 XGA TFT LCD Passive Backplane Industrial Panel PC with 14 Expansion Slots and Keypad
IPPC-8151S ADVANTECH-IPPC-8151S Datasheet
646Kb / 2P
15 XGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with Stainless Steel
IPPC-9151F ADVANTECH-IPPC-9151F Datasheet
314Kb / 2P
15 XGA TFT LCD Pentium짰 4 Industrial Panel PC with 2 x PCI Slots
IPPC-9151G ADVANTECH-IPPC-9151G Datasheet
302Kb / 2P
Rugged Intel짰 Pentium짰 4 / Celeron짰 Industrial Panel PC with 15" LCD
logo
National Instruments Co...
NIPPC-2015 NI-NIPPC-2015 Datasheet
720Kb / 5P
Industrial Panel PC with 15 in. LCD
logo
DFI Inc
TPC170-SD DFI-TPC170-SD Datasheet
1Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC150-SD DFI-TPC150-SD Datasheet
2Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC150 DFI-TPC150 Datasheet
3Mb / 4P
15 Heavy Industrial Touch Panel PC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com