Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-2115 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # PPC-2115
Description  Industrial Panel PC with 15 in. LCD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PPC-2115 Datasheet(HTML) 2 Page - National Instruments Corporation

  PPC-2115 Datasheet HTML 1Page - National Instruments Corporation PPC-2115 Datasheet HTML 2Page - National Instruments Corporation PPC-2115 Datasheet HTML 3Page - National Instruments Corporation PPC-2115 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
By using open industry standards such as PCI, USB, and Ethernet, the
PPC-2115 and NI control hardware combined with LabVIEW graphical
system design software provide the following:
• A single environment for HMI and logic
• A complete solution for machine control from a single vendor
• Tight integration of hardware and software system components
• Device- and enterprise-level connectivity
HMI for LabVIEW DSC
Use LabVIEW DSC to quickly create custom graphical user interfaces and
deploy them to the 15 in. panel PC.
HMI and Panel PC Controller for
NI CompactDAQ
Add up to two USB data acquisition devices to the PPC-2115 to create an
industrial data acquisition application using LabVIEW and the National
Instruments DAQ platform.
HMI with Industrial Distributed I/O
With LabVIEW and LabVIEW DSC, you can create a SCADA system using
NI Compact FieldPoint distributed I/O and CompactRIO embedded control
and data acquisition.
Industrial Panel PC with 15 in. LCD
2
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Ordering Information
NI PPC-2115 with Windows XP ............................................779862-01
Accessories
NI LabVIEW DSC Module ..................................................778311W-09
NI LabVIEW DSC, Run-Time ..............................................778312W-03
BUY NOW!
For complete product specifications, pricing, and accessory
information, call 800 813 3693 (U.S.) or go to ni.com/hmi.
Figure 2. Panel PC with LabVIEW DSC
Figure 3. PPC-2115 Panel PC Offers Two USB Ports for Connectivity to NI USB Data
Acquisition Hardware Including NI CompactDAQ
Figure 4. Panel PC Connects Using Ethernet to Compact FieldPoint and CompactRIO
USB
Ethernet and Serial
Ethernet and Serial



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com