Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-2115 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # PPC-2115
Description  Industrial Panel PC with 15 in. LCD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PPC-2115 Datasheet(HTML) 3 Page - National Instruments Corporation

  PPC-2115 Datasheet HTML 1Page - National Instruments Corporation PPC-2115 Datasheet HTML 2Page - National Instruments Corporation PPC-2115 Datasheet HTML 3Page - National Instruments Corporation PPC-2115 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
System Hardware
Display.................................................
15 in. XGA TFT color LCD with
touch screen
CPU ....................................................
1 GHz Intel Celeron M
Memory ...............................................
512 MB RAM
Storage................................................
40 GB HDD
LCD
Maximum resolution ...........................
1024 x 768 (XGA)
Maximum colors .................................
256,000
Pixel pitch (W x H, mm) ......................
0.3075 x 0.3075
Viewing angle .....................................
120 deg
Luminance (cd/m2) ..............................
350
Contrast ratio ......................................
500:1
Backlight..............................................
2 CCFL
Backlight lifetime ................................
50,000 h
Connectivity
Parallel port.........................................
1
Serial ports..........................................
2 x RS232 (COM1 and COM3)
and RS232/RS422/RS485 (COM4)
Ethernet...............................................
LAN 1 (10/100BaseT)
LAN2 (10/100/1000BaseT)
Mouse and keyboard ..........................
1 PS/2 port
USB ....................................................
2 Hi-Speed USB ports
Removable storage .............................
1 CompactFlash slot
PCMCIA ...............................................
1 slot
Audio ...................................................
3 audio ports: 1 microphone,
1 line in, and 1 line out
Touch Screen
Touch screen type ...............................
Resistive
Base glass construction......................
Tempered glass
Resolution ...........................................
1024 x 1024
Light transmission...............................
75% typical
Power rating........................................
3.3 to 5 V
Durability.............................................
100 million touches
Power
Input voltage .......................................
18 to 32 VDC
(the fuse becomes an open
circuit if input exceeds 33 VDC)
Typical .................................................
24 VDC, 2.0 A
Environment
Operating temperature .......................
0 to 50 °C (32 to 122 °F)
Storage temperature...........................
-20 to 60 °C (-4 to 140 °F)
Humidity ..............................................
40 °C @ 10 to 95% relative
humidity (noncondensing)
Vibration..............................................
1 grms (5 to 500 Hz)
Maximum altitude...............................
2,000 m
Pollution degree ..................................
2
Safety
This product is designed to meet the requirements of the following
standards of safety for information technology equipment:
• IEC 60950-1, EN 60950-1
• UL 60950-1, CSA 60950-1
Note: For UL and other safety certifications, refer to the product label or
visit ni.com/certification, search by model number or product line, and
click the appropriate link in the Certification column.
Electromagnetic Compatibility
This product is designed to meet the requirements of the following
standards of EMC for electrical equipment for measurement, control, and
laboratory use:
• EN 55024, CISPR 24 EMC requirements
• EN 55022, CISPR 22 Emissions; Class A
• CE, C-Tick, ICES, and FCC Part 15 Emissions; Class A
Note: For EMC compliance, operate this device according to product
documentation.
CE Compliance
This product meets the essential requirements of applicable European
Directives, as amended for CE marking, as follows:
• 2006/95/EC; Low-Voltage Directive (safety)
• 2004/108/EEC; Electromagnetic Compatibility Directive (EMC)
Note: Refer to the Declaration of Conformity (DoC) for this product for
any additional regulatory compliance information. To obtain the DoC for
this product, visit ni.com/certification, search by model number or
product line, and click the appropriate link in the Certification column.
Environmental Management
National Instruments is committed to designing and manufacturing
products in an environmentally responsible manner. NI recognizes that
eliminating certain hazardous substances from our products is beneficial
not only to the environment but also to NI customers. For additional
environmental information, refer to the NI and the Environment Web
page at ni.com/environment. This page contains the environmental
regulations and directives with which NI complies, as well as any other
environmental information not included in this document.
Waste Electrical and Electronic Equipment (WEEE)
EU Customers: At the end of their life cycle, all products must be sent
to a WEEE recycling center. For more information about WEEE recycling
centers and National Instruments WEEE initiatives, visit
ni.com/environment/weee.htm.
Industrial Panel PC with 15 in. LCD
3
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com