Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM705M6F Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM705M6F
Description  5 V supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM705M6F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM705M6F Datasheet HTML 5Page - STMicroelectronics STM705M6F Datasheet HTML 6Page - STMicroelectronics STM705M6F Datasheet HTML 7Page - STMicroelectronics STM705M6F Datasheet HTML 8Page - STMicroelectronics STM705M6F Datasheet HTML 9Page - STMicroelectronics STM705M6F Datasheet HTML 10Page - STMicroelectronics STM705M6F Datasheet HTML 11Page - STMicroelectronics STM705M6F Datasheet HTML 12Page - STMicroelectronics STM705M6F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
STM705, STM706, STM707, STM708, STM813L
Pin descriptions
Doc ID 10520 Rev 9
9/33
2.7
PFO
When PFI is less than VPFI, PFO goes low; otherwise, PFO remains high. Leave open if
unused. Output type is push-pull.
Figure 7.
Block diagram (STM705/706/813L)
1.
For STM813L only.
Table 3.
Pin description
Pin
Name
Function
STM813L
STM707
STM708
STM705
STM706
1
1
1
MR
Push-button reset input
6
—
6
WDI
Watchdog input
8
—
8
WDO
Watchdog output (push-pull)
—
7
7
RST
Active-low reset output
7
8
—
RST
Active-high reset output
2
2
2
VCC
Supply voltage
4
4
4
PFI
Power-fail input
5
5
5
PFO
Power-fail output (push-pull)
3
3
3
VSS
Ground
—
6
—
NC
No connect
AI08829
WATCHDOG
TIMER
VRST
WDI
transitional
detector
COMPARE
COMPARE
trec
generator
VPFI
VCC
VCC
PFI
MR
WDI
RST (RST)
(1)
PFO
WDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com