Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM705M6F Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM705M6F
Description  5 V supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM705M6F Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM705M6F Datasheet HTML 22Page - STMicroelectronics STM705M6F Datasheet HTML 23Page - STMicroelectronics STM705M6F Datasheet HTML 24Page - STMicroelectronics STM705M6F Datasheet HTML 25Page - STMicroelectronics STM705M6F Datasheet HTML 26Page - STMicroelectronics STM705M6F Datasheet HTML 27Page - STMicroelectronics STM705M6F Datasheet HTML 28Page - STMicroelectronics STM705M6F Datasheet HTML 29Page - STMicroelectronics STM705M6F Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
DC and AC parameters
STM705, STM706, STM707, STM708, STM813L
26/33
Doc ID 10520 Rev 9
Reset thresholds
VRST Reset threshold
(3)
STM705/707/813L
4.50
4.65
4.75
V
STM706/708
4.25
4.40
4.50
V
Reset threshold hysteresis
25
mV
trec
RST pulse width
Blank (see Table 9)
140
200
280
ms
A (see Table 9)
160
200
280
Push-button reset input
tMLMH
(or tMR)
MR pulse width
150
ns
tMLRL
(tMRD)
MR to RST output delay
250
ns
Watchdog timer (STM705/706/813L)
tWD
Watchdog timeout period
4.5 V < VCC < 5.5 V
1.12
1.60
2.24
s
WDI pulse width
4.5 V < VCC < 5.5 V
50
ns
1.
Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 4.75 V to 5.5 V for STM705/707/813L;
VCC = 4.5 V to 5.5 V for STM706/708 (except where noted).
2.
VCC (min) = 1.0 V for TA = 0 °C to +85 °C.
3.
For VCC falling.
Table 6.
DC and AC characteristics
Sym
Description
Test condition(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com