Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM705M6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM705M6F
Description  5 V supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM705M6F Datasheet(HTML) 1 Page - STMicroelectronics

  STM705M6F Datasheet HTML 1Page - STMicroelectronics STM705M6F Datasheet HTML 2Page - STMicroelectronics STM705M6F Datasheet HTML 3Page - STMicroelectronics STM705M6F Datasheet HTML 4Page - STMicroelectronics STM705M6F Datasheet HTML 5Page - STMicroelectronics STM705M6F Datasheet HTML 6Page - STMicroelectronics STM705M6F Datasheet HTML 7Page - STMicroelectronics STM705M6F Datasheet HTML 8Page - STMicroelectronics STM705M6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
August 2010
Doc ID 10520 Rev 9
1/33
1
STM705, STM706
STM707, STM708, STM813L
5 V supervisor
Features
■ 5 V operating voltage
■ Precision VCC monitor
– STM705/707/813L
–4.50 V
≤ VRST ≤ 4.75 V
– STM706/708
–4.25
≤ VRST ≤ 4.50 V
■ RST and RST outputs
■ 200 ms (typ) trec
■ Watchdog timer - 1.6 s (typ)
■ Manual reset input (MR)
■ Power-fail comparator (PFI/PFO)
■ Low supply current - 40 µA (typ)
■ Guaranteed RST (RST) assertion down to
VCC = 1.0 V
■ Operating temperature: –40 °C to 85 °C
(industrial grade)
■ RoHS compliance
– Lead-free components are compliant with
the RoHS directive
1.
Contact local ST sales office for availability.
8
1
SO8 (M)
TSSOP8 3x3 (DS)(1)
Table 1.
Device summary
Watchdog
input
Watchdog
output(1)
Active-low
RST(1)
Active-high
RST(1)
Manual reset
input
Power-fail
comparator
STM705
✓✓
✓
✓
✓
STM706
✓✓
✓
✓
✓
STM707
✓✓
✓
✓
STM708
✓✓
✓
✓
STM813L
✓✓
✓
✓
✓
1.
Push-pull output
www.st.com


Similar Part No. - STM705M6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM705 STMICROELECTRONICS-STM705 Datasheet
530Kb / 27P
5V Supervisor
Mar-2005
More results

Similar Description - STM705M6F

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
3/3.3/4.0 V uP Supervisor Circuits
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
19-Oct-2010
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
5 V or 3 V NVRAM supervisor for LPSRAM
25-Oct-2010
STM706T STMICROELECTRONICS-STM706T_10 Datasheet
701Kb / 33P
3 V supervisor
06-Aug-2010
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
3 V supervisor with battery switchover
18-Aug-2010
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
5 V supervisor with battery switchover
18-Aug-2010
M48T201Y STMICROELECTRONICS-M48T201Y_09 Datasheet
317Kb / 37P
5.0 or 3.3 V TIMEKEEPER® supervisor
23-Mar-2009
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
03-Oct-2011
STM706PAM6F STMICROELECTRONICS-STM706PAM6F Datasheet
706Kb / 32P
3 V supervisor
21-Aug-2012
STM706TAM6F STMICROELECTRONICS-STM706TAM6F Datasheet
706Kb / 32P
3 V supervisor
21-Aug-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com