Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM802MDS6E Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM802MDS6E
Description  5 V supervisor with battery switchover
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM802MDS6E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM802MDS6E Datasheet HTML 12Page - STMicroelectronics STM802MDS6E Datasheet HTML 13Page - STMicroelectronics STM802MDS6E Datasheet HTML 14Page - STMicroelectronics STM802MDS6E Datasheet HTML 15Page - STMicroelectronics STM802MDS6E Datasheet HTML 16Page - STMicroelectronics STM802MDS6E Datasheet HTML 17Page - STMicroelectronics STM802MDS6E Datasheet HTML 18Page - STMicroelectronics STM802MDS6E Datasheet HTML 19Page - STMicroelectronics STM802MDS6E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
Operation
STM690A/692A/703/704/802/805/817/818/819
16/43
Doc ID 10522 Rev 10
Figure 12.
Chip-enable waveform
2.8
Power-fail input/output (NOT available on STM818)
The Power-fail Input (PFI) is compared to an internal reference voltage (independent from
the VRST comparator). If PFI is less than the power-fail threshold (VPFI), the Power-Fail
Output (PFO) will go low. This function is intended for use as an undervoltage detector to
signal a failing power supply. Typically PFI is connected through an external voltage divider
(see Figure 12) to either the unregulated DC input (if it is available) or the regulated output
of the VCC regulator. The voltage divider can be set up such that the voltage at PFI falls
below VPFI several milliseconds before the regulated VCC input to the
STM690A/692A/703/704/802/805/817/818/819 Supervisor or before the microprocessor
drops below the minimum operating voltage. This provides several milliseconds of advanced
warning that power is about to fail.
During battery backup, the power-fail comparator turns off and PFO goes (or remains) low
(see Figure 13 below and Figure 14). This occurs after VCC drops below 2.4 V (or VSO).
When power returns, PFO is forced high (STM817/819 only), irrespective of VPFI for the
WRITE protect time (trec). At the end of this time, the power-fail comparator is enabled and
PFO follows PFI. If the comparator is unused, PFI should be connected to VSS and PFO left
unconnected. PFO may be connected to MR on the STM703/704/818 so that a low voltage
on PFI will generate a reset output.
2.9
Applications information
These supervisor circuits are not short-circuit protected. Shorting VOUT to ground -
excluding power-up transients such as charging a decoupling capacitor - destroys the
device. Decouple both VCC and VBAT pins to ground by placing 0.1 µF capacitors as close to
the device as possible.
AI08803b
RST
E
VCC
VRST
VBAT
ECON
trec
trec
15µs
XX
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com