Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM802MDS6E Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM802MDS6E
Description  5 V supervisor with battery switchover
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM802MDS6E Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM802MDS6E Datasheet HTML 13Page - STMicroelectronics STM802MDS6E Datasheet HTML 14Page - STMicroelectronics STM802MDS6E Datasheet HTML 15Page - STMicroelectronics STM802MDS6E Datasheet HTML 16Page - STMicroelectronics STM802MDS6E Datasheet HTML 17Page - STMicroelectronics STM802MDS6E Datasheet HTML 18Page - STMicroelectronics STM802MDS6E Datasheet HTML 19Page - STMicroelectronics STM802MDS6E Datasheet HTML 20Page - STMicroelectronics STM802MDS6E Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
STM690A/692A/703/704/802/805/817/818/819
Operation
Doc ID 10522 Rev 10
17/43
Figure 13.
Power-fail comparator waveform (STM817/818/819)
Figure 14.
Power-fail comparator waveform (STM690A/692A/703/704/802/805)
2.10
Using a SuperCap™ as a backup power source
SuperCaps™ are capacitors with extremely high capacitance values (e.g., 0.47 F) for their
size. Figure 15 shows how to use a SuperCap as a backup power source. The SuperCap
may be connected through a diode to the 5 V supply. Since VBAT can exceed VCC while VCC
is above the reset threshold, there are no special precautions for using these supervisors
with a SuperCap.
AI08804a
VCC
VRST
VSO (or 2.4V)
trec
RST to ECON Delay (STM818)
RST
ECON (STM818)
PFO
(STM817/819)
PFO follows PFI
PFO follows PFI
AI08832a
VCC
VRST
2.4V (or VSO)
trec
RST
PFO
PFO follows PFI
PFO follows PFI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com