Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM802MDS6E Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM802MDS6E
Description  5 V supervisor with battery switchover
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM802MDS6E Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM802MDS6E Datasheet HTML 15Page - STMicroelectronics STM802MDS6E Datasheet HTML 16Page - STMicroelectronics STM802MDS6E Datasheet HTML 17Page - STMicroelectronics STM802MDS6E Datasheet HTML 18Page - STMicroelectronics STM802MDS6E Datasheet HTML 19Page - STMicroelectronics STM802MDS6E Datasheet HTML 20Page - STMicroelectronics STM802MDS6E Datasheet HTML 21Page - STMicroelectronics STM802MDS6E Datasheet HTML 22Page - STMicroelectronics STM802MDS6E Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
STM690A/692A/703/704/802/805/817/818/819
Operation
Doc ID 10522 Rev 10
19/43
2.12
Battery freshness seal (STM817/818/819)
The battery freshness seal disconnects the backup battery from internal circuitry and VOUT
until it is needed. This allows an OEM to ensure that the backup battery connected to VBAT
will be fresh when the final product is put to use. To enable the freshness seal:
1.
Connect a battery to VBAT
2.
Ground PFO
3.
Bring VCC above the reset threshold and hold it there until reset is deasserted following
the reset timeout period and
4.
Bring VCC down again (Figure 16)
Use the same procedure for the STM818, but ground ECON instead of PFO. Once the
battery freshness seal is enabled (disconnecting the backup battery from internal circuitry
and anything connected to VOUT), it remains enabled until VCC is brought above VRST.
Figure 15.
Using a SuperCap™
Figure 16.
Freshness seal enable waveform
AI08805
STMXXX
VBAT
VCC
VOUT
5V
GND
RST
To external SRAM
To µP
AI08806
RST
PFO
(STM817/819)
VCC
VRST
ECON
(STM818)
trec
(Externally held at 0V)
(Externally held at 0V)
ECON out state latched
at 1/2 trec, Freshness
Seal enabled
PFO out state latched
at 1/2 trec, Freshness
Seal Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com