Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDS3985M22R Datasheet(PDF) 7 Page - STMicroelectronics

Part # LDS3985M22R
Description  Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDS3985M22R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LDS3985M22R Datasheet HTML 3Page - STMicroelectronics LDS3985M22R Datasheet HTML 4Page - STMicroelectronics LDS3985M22R Datasheet HTML 5Page - STMicroelectronics LDS3985M22R Datasheet HTML 6Page - STMicroelectronics LDS3985M22R Datasheet HTML 7Page - STMicroelectronics LDS3985M22R Datasheet HTML 8Page - STMicroelectronics LDS3985M22R Datasheet HTML 9Page - STMicroelectronics LDS3985M22R Datasheet HTML 10Page - STMicroelectronics LDS3985M22R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LDS3985xx
Electrical characteristics
Doc ID 11039 Rev 7
7/20
5
Electrical characteristics
TJ = 25 °C, VI = VO(NOM) + 0.5 V, CI = 1 µF, CO = 2.2 µF, CBYP = 33 nF, IO = 1 mA,
VINH = 1.4 V, unless otherwise specified.
Table 5.
Electrical characteristics for LDS3985xx
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VI
Operating input voltage
2.5
6
V
VO
Output voltage < 2.5 V
IO = 1 mA
-50
50
mV
TJ = - 40 to 125 °C
-75
75
VO
Output voltage
≥ 2.5 V
IO = 1 mA
-2
2
% of
VO(NOM)
TJ= - 40 to 125 °C
-3
3
ΔV
O
Line regulation (1)
VI = VO(NOM) + 0.5 to 6 V,
TJ = - 40 to 125 °C
-0.1
0.1
%/V
VO = 4.7 to 5 V
-0.19
0.19
ΔV
O
Load regulation
IO = 1 mA to 300 mA, VO ≤ 2.5 V
TJ = - 40 to 125 °C
0.005
0.01
%/mA
ΔV
O
Load regulation
IO = 1 mA to 300 mA, VO ≥ 2.5 V
TJ = - 40 to 125 °C
0.0008
0.004
%/mA
ΔV
O
Output AC line regulation
(2)
VI = VO(NOM) + 1 V, IO = 300 mA,
tR = tF = 30 µs
5mVPP
IQ
Quiescent current
ON MODE: VINH = 1.24 V
IO = 0
85
µA
IO = 0, TJ = - 40 to 125 °C
150
IO = 0 to 300 mA
200
IO = 0 to 300 mA, TJ = - 40 to 125 °C
300
OFF MODE: VINH = 0.4 V
0.003
TJ = - 40 to 125 °C
1.5
VDROP Dropout voltage
(3)
IO = 1 mA
0.4
mV
IO = 1 mA, TJ = -40 to 125 °C
2
IO = 150 mA
60
IO = 150 mA, TJ = - 40 to 125 °C
100
IO = 300 mA
150
IO = 300 mA, TJ = - 40 to 125 °C
250
ISC
Short circuit current
RL = 0
600
mA
SVR
Supply voltage rejection
VI = VO(NOM)+0.25 V ±
VRIPPLE = 0.1 V, IO = 50 mA
For VO(NOM) < 2.5 V,
VI = 2.55 V
f = 1 kHz
55
dB
f = 10 kHz
50
IO(PK)
Peak output current
VO ≥ VO(NOM) - 5 %
300
550
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com