Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDS3985M22R Datasheet(PDF) 1 Page - STMicroelectronics

Part # LDS3985M22R
Description  Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDS3985M22R Datasheet(HTML) 1 Page - STMicroelectronics

  LDS3985M22R Datasheet HTML 1Page - STMicroelectronics LDS3985M22R Datasheet HTML 2Page - STMicroelectronics LDS3985M22R Datasheet HTML 3Page - STMicroelectronics LDS3985M22R Datasheet HTML 4Page - STMicroelectronics LDS3985M22R Datasheet HTML 5Page - STMicroelectronics LDS3985M22R Datasheet HTML 6Page - STMicroelectronics LDS3985M22R Datasheet HTML 7Page - STMicroelectronics LDS3985M22R Datasheet HTML 8Page - STMicroelectronics LDS3985M22R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
July 2010
Doc ID 11039 Rev 7
1/20
20
LDS3985xx
Ultra low drop-low noise BiCMOS 300 mA voltage
regulator for use with very low ESR output capacitor
Features
■ Input voltage from 2.5 V to 6 V
■ Stable with low ESR ceramic capacitors
■ Ultra low dropout voltage (150 mV typ. at 300
mA load, 0.4 mV typ. at 1 mA load)
■ Very low quiescent current (85 µA typ. at no
load, 200 µA typ. at 300 mA load; max 1.5 µA
in off mode)
■ Guaranteed output current up to 300 mA
■ Wide range of output voltage:
– from 1.25 V to 5.0 V
■ Fast turn-on time: typ. 240 µs
–[CO = 2.2 µF, CBYP = 33 nF and IO = 1 mA]
■ Logic-controlled electronic shutdown
■ Internal current and thermal limit
■ Output low noise voltage 30 µVRMS over 10 Hz
to 100 kHz
■ SVR of 55 dB at 1 kHz, 50 dB at 10 kHz
■ Temperature range: - 40 °C to 125 °C
Description
The LDS3985xx provides up to 300 mA, from 2.5
V to 6 V input voltage. It is stable with ceramic and
high quality tantalum capacitor. The ultra low drop
voltage, low quiescent current and low noise
makes it suitable for low power applications and in
battery powered systems. Regulator ground
current increases only slightly in dropout, further
prolonging the battery life. Shutdown logic control
function is available, this means that when the
device is used as local regulator, it is possible to
put a part of the board in standby, decreasing the
total power consumption. Typical applications are
in mobile phone and similar battery powered
wireless systems, portable information
appliances.
DFN6
SOT23-5L
Table 1.
Device summary
Part numbers
Output voltages
LDS3985XX15
1.5 V
LDS3985XX18
1.8 V
LDS3985XX25
2.5 V
LDS3985XX28
2.8 V
LDS3985XX30
3.0 V
LDS3985XX33
3.3 V
LDS3985XX50
5.0 V
www.st.com


Similar Part No. - LDS3985M22R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDS3985M22R STMICROELECTRONICS-LDS3985M22R Datasheet
337Kb / 13P
ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
Dec-2004
More results

Similar Description - LDS3985M22R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
STMicroelectronics
LD3985 STMICROELECTRONICS-LD3985 Datasheet
393Kb / 14P
ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
27-Oct-2004
LD3986 STMICROELECTRONICS-LD3986 Datasheet
230Kb / 12P
DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
22-Sep-2005
LDS3985 STMICROELECTRONICS-LDS3985 Datasheet
337Kb / 13P
ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
Dec-2004
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
03-Jan-2011
LD39150 STMICROELECTRONICS-LD39150 Datasheet
459Kb / 19P
Ultra low drop BICMOS voltage regulator
26-Jan-2007
logo
National Semiconductor ...
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
STMicroelectronics
LD39080 STMICROELECTRONICS-LD39080 Datasheet
504Kb / 20P
Ultra low drop BICMOS voltage regulator
26-Jan-2007
logo
Unisonic Technologies
LD2985 UTC-LD2985_10 Datasheet
353Kb / 23P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP
LD2985 UTC-LD2985_11 Datasheet
353Kb / 23P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com