Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDS3985M22R Datasheet(PDF) 9 Page - STMicroelectronics

Part # LDS3985M22R
Description  Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDS3985M22R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LDS3985M22R Datasheet HTML 5Page - STMicroelectronics LDS3985M22R Datasheet HTML 6Page - STMicroelectronics LDS3985M22R Datasheet HTML 7Page - STMicroelectronics LDS3985M22R Datasheet HTML 8Page - STMicroelectronics LDS3985M22R Datasheet HTML 9Page - STMicroelectronics LDS3985M22R Datasheet HTML 10Page - STMicroelectronics LDS3985M22R Datasheet HTML 11Page - STMicroelectronics LDS3985M22R Datasheet HTML 12Page - STMicroelectronics LDS3985M22R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LDS3985xx
Typical performance characteristics
Doc ID 11039 Rev 7
9/20
6
Typical performance characteristics
TJ = 25 °C, VI = VO(NOM) + 0.5 V, CI = 1 µF, CO = 2.2 µF, CBYP = 33 nF, IO = 1 mA,
VINH = 1.4 V, unless otherwise specified.
Figure 4.
Output voltage vs. temp. (VI = 2.5 V) Figure 5.
Output voltage vs. temp. (VI = 3.2 V)
Figure 6.
Output voltage vs. temp. (VI = 3.8 V) Figure 7.
Shutdown voltage vs. temperature
(VO = 1.35 V)
Figure 8.
Shutdown voltage vs. temperature
(VO = 3.3 V)
Figure 9.
Line regulation vs. temperature
(VI = 2.5 V to 6 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com