Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-9237 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # USB-9237
Description  Strain- and Bridge-Based Measurements
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-9237 Datasheet(HTML) 1 Page - National Instruments Corporation

  USB-9237 Datasheet HTML 1Page - National Instruments Corporation USB-9237 Datasheet HTML 2Page - National Instruments Corporation USB-9237 Datasheet HTML 3Page - National Instruments Corporation USB-9237 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Strain- and Bridge-Based Measurements
Overview
The National Instruments USB-9237 combines performance and
portability by making the NI 9237 C Series module compatible with the
bus-powered USB carrier for C Series modules. This module is ideal for
laptop applications because the USB port on the laptop powers all
acquisition and sensor excitation.
High-Speed Measurements
The NI USB-9237 module can take measurements at up to 50 kS/s on
four channels simultaneously and continuously stream the data back
over a Hi-Speed USB interface to serve applications from static load
or fatigue testing to high-speed fracture tests.
Sensor Compatibility
With full-, half-, and quarter-bridge completion, the USB-9237 can
measure a variety of load, force, and torque cells as well as some
pressure transducers and most strain gages.1
Safety Isolation
• 30 V of overvoltage protection
• 60 V of CAT I channel-to-earth ground isolation
• 1000 V of transient withstand isolation
1
Quarter bridge requires accessory.
Connectivity
The USB-9237 uses four standard RJ50 connectors for rapid sensor
connection. You can add an RJ50 connector to any sensor using a
crimping tool, making sensor removal and insertion as easy as
connecting a PC to a network. For screw-terminal connectivity, the
NI 9949 accessory kit converts from RJ50 to 10 screw terminals. RJ50
cable kits are available in quantities of four 2 m cables and one 10 m
cable. For custom sensor wiring, cable kits are available with an RJ50
connector on one end and 10 signal wires on the other.
Software
The USB-9237 is shipped with the standard NI-DAQmx bundle that
includes Measurement & Automation Explorer (MAX) for configuration
and testing; LabVIEW SignalExpress LE for out-of-the-box measurements,
logging, and data display; and an API/driver for languages such as
LabVIEW, ANSI C, C#, Visual Basic .NET, Visual Basic 6.0, Measurement
Studio, and LabWindows/CVI.
• Full-, half-, and quarter-bridge
(120/350
Ω) completion1
• Bus powered
• Built-in excitation up to 10 V
• Up to 50 kS/s/ch sample rate
• Simultaneous acquisition with
four ADCs
• Quick sensor connect with
RJ50 connectors
• TEDS (IEEE 1454.1) compatible
• External excitation input through analog
bridge (optional)
1
Quarter bridge requires accessory.
Operating Systems
• Windows Vista/XP/2000
Compatible Software
• LabVIEW
• LabWindows™/CVI
• Measurement Studio
• Visual Basic 6.0
• C# and Visual Basic .NET
• ANSI C/C++
Measurement Services
Software (included)
• NI-DAQmx driver software
• Measurement & Automation Explorer
configuration utility
• LabVIEW SignalExpress LE
data-logging software
NI USB-9237


Similar Part No. - USB-9237

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
USB-9201 NI-USB-9201 Datasheet
179Kb / 2P
Portable USB-Based DAQ for Analog Signals
USB-9211A NI-USB-9211A Datasheet
97Kb / 2P
Portable USB-Based DAQ for Thermocouples
USB-9215A NI-USB-9215A Datasheet
97Kb / 2P
Portable USB-Based DAQ with Simultaneous Sampling
USB-9221 NI-USB-9221 Datasheet
179Kb / 2P
Portable USB-Based DAQ for High Voltages
More results

Similar Description - USB-9237

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7160E NXP-SAA7160E Datasheet
246Kb / 57P
PCI Express based audio and video bridge
Rev. 01-25 February 2008
SAA7160ETV2 NXP-SAA7160ETV2 Datasheet
246Kb / 57P
PCI Express based audio and video bridge
Rev. 01-25 February 2008
logo
National Instruments Co...
NI9237 NI-NI9237 Datasheet
240Kb / 8P
High-Speed Bridge Module for Load/Pressure/Strain/Torque Measurements
NIPXIE-4330 NI-NIPXIE-4330 Datasheet
226Kb / 9P
Data Acquisition with Integrated Signal Conditioning for Bridge-Based Measurements
logo
STMicroelectronics
AN1751 STMICROELECTRONICS-AN1751 Datasheet
579Kb / 7P
EMI Filters: Recommendations and measurements
Sep-2003
logo
List of Unclassifed Man...
369B ETC2-369B Datasheet
458Kb / 2P
AC voltage and current measurements
logo
Coolgear Inc.
CG-31G1EA4K COOLGEAR-CG-31G1EA4K Datasheet
252Kb / 3P
Basic Measurements Port Measurements
7/30/2021
CG-PD60PPS COOLGEAR-CG-PD60PPS Datasheet
314Kb / 2P
Basic Measurements Mounting Holes Detailed Port Measurements
3/25/2021
CG-USB30ISO COOLGEAR-CG-USB30ISO Datasheet
257Kb / 3P
Basic Measurements Port Measurements
4/5/2021
USB2-8COMI-SI-TB COOLGEAR-USB2-8COMI-SI-TB Datasheet
427Kb / 3P
Basic Measurements
8/20/21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com