Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-9237 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # USB-9237
Description  Strain- and Bridge-Based Measurements
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-9237 Datasheet(HTML) 3 Page - National Instruments Corporation

  USB-9237 Datasheet HTML 1Page - National Instruments Corporation USB-9237 Datasheet HTML 2Page - National Instruments Corporation USB-9237 Datasheet HTML 3Page - National Instruments Corporation USB-9237 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Accessories
There are several options for connecting signals to the USB-9237, as
shown in figures 1 and 2.
Strain- and Bridge-Based Measurements
3
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Ordering Information
NI USB-9237 (carrier, module, and USB cable) ....................780137-01
NI 9945 (1/4 bridge, 350
Ω, qty 4) ......................................194739-01
NI 9944 (1/4 bridge, 120
Ω, qty 4) ......................................194738-01
NI 9949 (RJ50 to screw terminal) ........................................196809-01
NI 9942 (excitation connector) ..............................................194611-01
RJ50 cable, 2 m (qty 4)..........................................................194612-02
RJ50 cable, 10 m (qty 1)........................................................194612-10
RJ50 to signal wire cable, 2 m (qty 4) ..................................195950-02
RJ50 to signal wire cable, 10 m (qty 1) ................................195950-10
BUY NOW!
For complete product specifications, pricing, and accessory
information, call 800 813 3693 (U.S.) or go to ni.com/compactdaq.
Figure 1. NI 9237 with RJ50 to 10 m Signal Wire Cable
Figure 2. NI 9237 with RJ50 Cable and Screw-Terminal Accessories



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com