Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-9237 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # USB-9237
Description  Strain- and Bridge-Based Measurements
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-9237 Datasheet(HTML) 2 Page - National Instruments Corporation

  USB-9237 Datasheet HTML 1Page - National Instruments Corporation USB-9237 Datasheet HTML 2Page - National Instruments Corporation USB-9237 Datasheet HTML 3Page - National Instruments Corporation USB-9237 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Strain- and Bridge-Based Measurements
2
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Specifications
>>
For complete specifications, see the
NI USB-9237 User Guide and
Specifications manual at ni.com/manuals.
Input Characteristics
Number of channels............................
4
Bridge completion
Full and half ....................................
Internal
Quarter ............................................
External
ADC resolution................................
24 bits
Type of ADC ....................................
Delta-sigma
(with analog prefiltering)
Sampling mode...............................
Simultaneous
Data rates (ƒs) ................................. (50 kS/s)/n, n= 1, 1, …31
Master timebase (internal)
Frequency........................................
12.8 MHz
Accuracy .........................................
±100 ppm max
Nominal full-scale range ................
±25 mV/V
Scaling coefficient ..............................
2.9802 nV/V per LSB
Overvoltage protection
between any two terminals ...........
±30 V
Accuracy
Gain drift .............................................
10 ppm/°C max
Offset drift
2.5 V excitation...............................
0.6
μV/V per °C
3.3 V excitation...............................
0.5
μV/V per °C
5 V excitation..................................
0.3
μV/V per °C
10 V excitation................................
0.2
μV/V per °C
Safety
Safety Voltages
Connect only voltages that are within these limits.
Between any two terminals ...............
±30 V max
Isolation
Channel-to-channel.............................
No isolation between channels
Channel-to-earth ground
Continuous ......................................
60 VDC, Measurement Category I
Withstand .......................................
1,000 Vrms, verified by a 5 s
dielectric withstand test
Excitation Voltages
Although the sensor industry does not recognize a single standard
excitation voltage level, excitation voltage levels of between 2.5 and
10 V are common. You can program the USB-9237 to supply 2.5, 3.3,
5, or 10 V of excitation voltage, and the module can provide up to
150 mW of excitation power. Unless you supply external excitation
voltage, National Instruments recommends that you set the excitation
voltage to a value that keeps the total power below 150 mW. The
USB-9237 automatically reduces internal excitation voltages as needed
to stay below 150 mW.
The power consumed by a single bridge is
where R is the total resistance of the bridge.
For a full bridge, R is equal to the resistance of each element. For a
half or quarter bridge, R is equal to two times the resistance of each
element.
With the 150 mW limit, you can power full and half bridges as
follows:
• Four 350
Ω half bridges at 5.0 V
• Four 350
Ω full bridges at 3.3 V
• Four 120
Ω half bridges at 2.5 V
If you need an excitation voltage greater than 150 mW, use the
four-position external excitation voltage connector to connect an
external excitation source to the USB-9237.
Channel Signal Names
RJ50 (10p10c) Modular Plug and
Receptacle Pin Numbers
RJ50
Pin
RJ45
Pin
Signal
Name
Signal Description
1
–
SC
Shunt calibration
2
1
AI+
Positive input signal
3
2
AI-
Negative input signal
4
3
RS+
Positive remote sense signal
5
4
RS-
Negative remote sense signal
6
5
EX+
Positive excitation signal1
7
6
EX-
Negative excitation signal1
8
7
T+
TEDS DATA
9
8
T-
TEDS Return1
10
–
SC
Shunt calibration
1
These signals are shared by all four RJ50 connectors on the USB-9237.
Error1
Percent of Reading
Percent of Range2
Calibrated max (-40 to 70 °C)
0.20%
0.25%
Calibrated typ (25 °C, ±5 °C)
0.05%
0.05%
Uncalibrated max (-40 to 70 °C)
0.60%
0.35%
Uncalibrated typ (25 °C, ±5 °C)
0.20%
0.1%
1
Excluding offset null or shunt calibration. 2 Range equals 25 mV/V.
V
ex
2
R
----------



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com