Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6730TR
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6730TR Datasheet HTML 5Page - STMicroelectronics L6730TR Datasheet HTML 6Page - STMicroelectronics L6730TR Datasheet HTML 7Page - STMicroelectronics L6730TR Datasheet HTML 8Page - STMicroelectronics L6730TR Datasheet HTML 9Page - STMicroelectronics L6730TR Datasheet HTML 10Page - STMicroelectronics L6730TR Datasheet HTML 11Page - STMicroelectronics L6730TR Datasheet HTML 12Page - STMicroelectronics L6730TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
L6730 - L6730B
Pin connections and functions
Doc ID 11938 Rev 3
9/52
4
TMASK
The user can select two different values for the leading edge blanking
time on the peak overcurrent protection by connecting this pin to VCCDR or
GND. The device captures the analog value present at this pin at the
start-up when VCC meets the UVLO threshold.
5GND
All the internal references are referenced to this pin. Connect to the PCB
signal ground.
6FB
This pin is connected to the error amplifier inverting input. Connect it to
Vout through the compensation network. This pin is also used to sense
the output voltage in order to manage the over voltage conditions and the
PGood signal.
7COMP
This pin is connected to the error amplifier output and used to
compensate the voltage control loop.
8
SS/INH
The soft-start time is programmed connecting an external capacitor from
this pin and GND. The internal current generator forces a current of 10mA
through the capacitor. This pin is also used to inhibit the device: when the
voltage at this pin is lower than 0.5V the device is disabled.
9
EAREF
It is possible to set two internal references 0.6V / 1.2V or provide an
external reference from 0V to 2.5V:
VEAREF from 0% to 80% of VCCDR -> external reference
VEAREF from 80% to 95% of VCCDR -> VREF=1.2V
VEAREF from 95% to 100% of VCCDR -> VREF=0.6V
An internal clamp limits the maximum VEAREF at 2.5V (typ.). The device
captures the analog value present at this pin at the start-up when VCC
meets the UVLO threshold.
10
OSC
Connecting an external resistor from this pin to GND, the external
frequency can be increased according with the following equation:
Connecting a resistor from this pin to VCCDR (5V), the switching frequency
can be lowered according with the following equation:
If the pin is left open, the switching frequency is 400 KHz. Normally this
pin is at a voltage of 1.2V. In OVP the pin is pulled up to 4.5V (only in
latched mode). Don’t connect a capacitor from this pin to GND.
Table 4.
Pin connection (continued)
Pin n.
Name
Description
)
(
10
88
.
9
400
6
Ω
⋅
+
=
K
R
KHz
Fsw
OSC
)
(
10
01
.
3
400
7
Ω
⋅
−
=
K
R
KHz
Fsw
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com