Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6730TR
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730TR Datasheet(HTML) 1 Page - STMicroelectronics

  L6730TR Datasheet HTML 1Page - STMicroelectronics L6730TR Datasheet HTML 2Page - STMicroelectronics L6730TR Datasheet HTML 3Page - STMicroelectronics L6730TR Datasheet HTML 4Page - STMicroelectronics L6730TR Datasheet HTML 5Page - STMicroelectronics L6730TR Datasheet HTML 6Page - STMicroelectronics L6730TR Datasheet HTML 7Page - STMicroelectronics L6730TR Datasheet HTML 8Page - STMicroelectronics L6730TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
December 2009
Doc ID 11938 Rev 3
1/52
52
L6730
L6730B
Adjustable step-down controller with synchronous rectification
Features
■ Input voltage range from 1.8 V to 14 V
■ Supply voltage range from 4.5 V to 14 V
■ Adjustable output voltage down to 0.6 V with
±0.8% accuracy over line voltage and
temperature (0°C~125°C)
■ Fixed frequency voltage mode control
■ tON lower than 100 ns
■ 0% to 100% duty cycle
■ Selectable 0.6 V or 1.2 V internal voltage
reference
■ External input voltage reference
■ Soft-start and inhibit
■ High current embedded drivers
■ Predictive anti-cross conduction control
■ Selectable uvlo threshold (5 V or 12 V BUS)
■ Programmable high-side and low-side RDS(on)
sense overcurrent protection
■ Switching frequency programmable
from 100 kHz to 1 MHz
■ Master/slave synchronization with 180° phase
shift
■ Pre-bias start up capability (L6730)
■ Selectable source/sink or source only
capability after soft-start (L6730)
■ Selectable constant current or hiccup mode
overcurrent protection after soft-start (L6730B)
■ Power Good output with programmable delay
■ Overvoltage protection with selectable
latched/not-latched mode
■ Thermal shut-down
■ Package: HTSSOP20
Applications
■ High performance / high density DC-DC
modules
■ Low voltage distributed DC-DC
■ niPOL converters
■ DDR memory supply
■ DDR memory bus termination supply
Table 1.
Device summary
Order codes
Package
Packing
L6730
HTSSOP20
Tube
L6730TR
HTSSOP20
Tape and reel
L6730B
HTSSOP20
Tube
L6730BTR
HTSSOP20
Tape and reel
HTSSOP20
www.st.com


Similar Part No. - L6730TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6730TR STMICROELECTRONICS-L6730TR Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
More results

Similar Description - L6730TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Jul-2003
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
Adjustable step-down controller with synchronous rectification
26-Jun-2006
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
Adjustable step-down controller with synchronous rectification
07-Jun-2006
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
L6731B STMICROELECTRONICS-L6731B Datasheet
351Kb / 24P
Adjustable step-down controller with synchronous rectification Dedicated to DDR Memory
26-Jun-2006
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
Adjustable step-down controller with synchronous rectification
25-Sep-2006
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6731D STMICROELECTRONICS-L6731D Datasheet
388Kb / 23P
Adjustable step-down controller with synchronous rectification dedicated to DDR memory
04-Jun-2008
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
Adjustable step-down controller with synchronous rectification
04-Jun-2008
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com