Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6730TR
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730TR Datasheet(HTML) 4 Page - STMicroelectronics

  L6730TR Datasheet HTML 1Page - STMicroelectronics L6730TR Datasheet HTML 2Page - STMicroelectronics L6730TR Datasheet HTML 3Page - STMicroelectronics L6730TR Datasheet HTML 4Page - STMicroelectronics L6730TR Datasheet HTML 5Page - STMicroelectronics L6730TR Datasheet HTML 6Page - STMicroelectronics L6730TR Datasheet HTML 7Page - STMicroelectronics L6730TR Datasheet HTML 8Page - STMicroelectronics L6730TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
Summary description
L6730 - L6730B
4/52
Doc ID 11938 Rev 3
1
Summary description
The controller is an integrated circuit designed using BiCMOS-DMOS, v5 (BCD5)
technology that provides complete control logic and protection for high performance, step-
down DC/DC and niPOL converters.
It is designed to drive N-Channel MOSFETs in a synchronous rectified
buck converter
topology. The output voltage of the converter can be precisely regulated down to 600 mV,
with a maximum tolerance of ±0.8%, or to 1.2 V, when one of the internal references is used.
It is also possible to use an external reference from 0 V to 2.5 V.
The input voltage can range from 1.8 V to 14 V, while the supply voltage can range from 4.5
V to 14 V. High peak current gate drivers provide for fast switching to the external power
section and the output current can be in excess of 20 A, depending on the number of the
external MOSFETs used. The PWM duty cycle can range from 0% to 100% with a minimum
on-time (TON(MIN)) lower than 100 ns, making conversions with a very low duty cycle and
very high switching frequency possible.
The device provides voltage-mode control. It includes a 400 kHz free-running oscillator that
is adjustable from 100 kHz to 1 MHz. The error amplifier features a 10 MHz gain-bandwidth-
product and 5 V/µs slew-rate that permits to realize high converter bandwidth for fast
transient response. The device monitors the current by using the RDS(ON) of both the high-
side and low-side MOSFET(s), eliminating the need for a current sensing resistor and
guaranteeing an effective over current-protection in all the application conditions. When
necessary, two different current limit protections can be externally set through two external
resistors. A leading edge adjustable blanking time is also available to avoid false over-
current-protection (OCP) intervention in every application condition.
It is possible to select the HICCUP mode or the constant current protection (L6730B) after
the soft-start phase.
During this phase constant current protection is provided. It is possible to select the sink-
source or the source-only mode capability
(before the device powers on) by acting on a
multifunction pin (L6730). The L6730 disables the sink mode capability during the soft-start
in order to allow a proper start-up also in pre-biased output voltage conditions. The L6730B
can always sink current and, so it can be used to supply the DDR memory BUS termination.
Other features include Master-Slave synchronization (with 180° phase shift), Power-Good
with adjustable delay, over voltage-protection, feed back disconnection, selectable UVLO
threshold (5 V and 12 V Bus), and thermal shutdown. The HTSSOP20 package allows the
realization for very compact DC/DC converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com