Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000XAL Datasheet(PDF) 74 Page - Intel Corporation

Part # S5000XAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000XAL Datasheet(HTML) 74 Page - Intel Corporation

Back Button S5000XAL Datasheet HTML 70Page - Intel Corporation S5000XAL Datasheet HTML 71Page - Intel Corporation S5000XAL Datasheet HTML 72Page - Intel Corporation S5000XAL Datasheet HTML 73Page - Intel Corporation S5000XAL Datasheet HTML 74Page - Intel Corporation S5000XAL Datasheet HTML 75Page - Intel Corporation S5000XAL Datasheet HTML 76Page - Intel Corporation S5000XAL Datasheet HTML 77Page - Intel Corporation S5000XAL Datasheet HTML 78Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Power and Environmental Specifications
Revision 1.7
Intel order number: D31979-010
75
Table 41. Output Voltage Timing
Item
Description
MIN
MAX
UNITS
Tvout_rise
Output voltage rise time from each main output.
5.0 *
70
1
msec
Tvout_on
All main outputs must be within regulation of each
other within this time.
50
msec
Tvout_off
All main outputs must leave regulation within this
time.
400
msec
1 The 5VSB output voltage rise time shall be from 1.0ms to 25.0ms
TP02313
V out
V1
V2
V3
V4
Tvout_on
Tvout_rise
10% V out
Tvout_off
Figure 26. Output Voltage Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com