Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000XAL Datasheet(PDF) 39 Page - Intel Corporation

Part # S5000XAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000XAL Datasheet(HTML) 39 Page - Intel Corporation

Back Button S5000XAL Datasheet HTML 35Page - Intel Corporation S5000XAL Datasheet HTML 36Page - Intel Corporation S5000XAL Datasheet HTML 37Page - Intel Corporation S5000XAL Datasheet HTML 38Page - Intel Corporation S5000XAL Datasheet HTML 39Page - Intel Corporation S5000XAL Datasheet HTML 40Page - Intel Corporation S5000XAL Datasheet HTML 41Page - Intel Corporation S5000XAL Datasheet HTML 42Page - Intel Corporation S5000XAL Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
Functional Architecture
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
40
TP02303
J8A3
1-2: DCD to DTR
3-4: DSR to DTR
(factory default)
2
4
3
Figure 15. Serial Port Configuration Jumper Location
For server applications that require a DB9 serial connector, an 8-pin RJ45-to-DB9 adapter must be used.
The following table provides the pin-out required for the adapter to provide RS232 support. A standard
DH10-to-DB9 cable and 8-pin RJ45 to DB9 DCD and DSR adapters are available from Intel in the Serial
Port Accessory Kit, product code: AXXRJ45DB92.
Table 8. Rear Serial B Port Adapter Pin-out
RJ45
Signal
Abbreviation
DB9
1
Request to Send
RTS
7
2
Data Terminal Ready
DTR
4
3
Transmitted Data
TD
3
4
Signal Ground
SGND
5
5
Ring Indicator
RI
9
6
Received Data
RD
2
7
DCD or DSR
DCD/DSR
1 or 6 (see note)
8
Clear To Send
CTS
8
Note:
The RJ45-to-DB9 adapter should match the configuration of the serial device used. One of two pin-
out configurations is used, depending on whether the serial device requires a DSR or DCD signal. The
final adapter configuration should also match the desired pin-out of the RJ45 connector, as it can also be
configured to support either DSR or DCD.
3.5.1.2
Floppy Disk Controller
The server board does not support a floppy disk controller (FDC) interface. However, the system BIOS
does recognize USB floppy devices.
3.5.1.3
Keyboard and Mouse Support
Dual stacked PS/2 ports, located on the back edge of the server board, are provided for keyboard and
mouse support. Either port can support a mouse or keyboard. Neither port supports hot plugging.
Pins
What happens at system reset…
1-2
Serial port is configured for DCD to DTR
3-4
Serial port is configured for DSR to DTR (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com