Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000XAL Datasheet(PDF) 49 Page - Intel Corporation

Part # S5000XAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000XAL Datasheet(HTML) 49 Page - Intel Corporation

Back Button S5000XAL Datasheet HTML 45Page - Intel Corporation S5000XAL Datasheet HTML 46Page - Intel Corporation S5000XAL Datasheet HTML 47Page - Intel Corporation S5000XAL Datasheet HTML 48Page - Intel Corporation S5000XAL Datasheet HTML 49Page - Intel Corporation S5000XAL Datasheet HTML 50Page - Intel Corporation S5000XAL Datasheet HTML 51Page - Intel Corporation S5000XAL Datasheet HTML 52Page - Intel Corporation S5000XAL Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 112 page
background image
Connector / Header Locations and Pin-outs
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
50
Pin-Side B PCI Spec Signal Pin-Side A PCI Spec Signal
KEY
KEY
82
Reserved
82
+5V
81
GND
81
Reserved
80
CLK1
80
GND
79
Ground
79
GNT2#
78
REQ1#
78
+3.3V
77
+3.3V
77
GNT1#
76
PME2#
76
Ground
75
AD[31]
75
PME1#
74
AD[29]
74
PME3#
73
Ground
73
AD[30]
72
AD[27]
72
+3.3V
71
AD[25]
71
AD[28]
70
+3.3V
70
AD[26]
69
C/BE[3]#
69
Ground
68
AD[23]
68
AD[24]
67
Ground
67
RSVRD
66
AD[21]
66
+3.3V
65
AD[19]
65
AD[22]
64
+3.3V
64
AD[20]
63
AD[17]
63
Ground
62
C/BE[2]#
62
AD[18]
61
Ground
61
AD[16]
60
IRDY#
60
+3.3V
59
+3.3V
59
FRAME#
58
DEVSEL#
58
Ground
57
PCI-XCAP
57
TRDY#
56
LOCK#
56
Ground
55
PERR#
55
STOP#
54
+3.3V
54
+3.3V
53
SERR#
53
SMBD
52
+3.3V
52
SMBCLK
51
C/BE[1]#
51
Ground
50
AD[14]
50
PAR
49
Ground
49
AD[15]
48
AD[12]
48
+3.3V
47
AD[10]
47
AD[13]
46
M66EN
46
AD[11]
45
Ground
45
Ground
44
Ground
44
AD[09]
43
AD[08]
43
C/BE[0]#
42
AD[07]
42
+3.3V
41
+3.3V
41
AD[06]
40
AD[05]
40
AD[04]
39
AD[03]
39
Ground
38
Ground
38
AD[02]
37
AD[01]
37
AD[00]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com