Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8564AEUB Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8564AEUB
Description  1%, Ultra-Low Output Voltage, Dual and Triple Linear n-FET Controllers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8564AEUB Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8564AEUB Datasheet HTML 4Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 5Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 6Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 7Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 8Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 9Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 10Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 11Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
±1%, Ultra-Low Output Voltage, Dual and Triple
Linear n-FET Controllers
8
_______________________________________________________________________________________
Typical Application Circuits (continued)
MAX8564/MAX8564A: Dual Output
Figure 2. MAX8564/MAX8564A Typical Application Circuit
MAX8563 External Component List
COMPONENTS QTY
DESCRIPTION
C1, C3, C8
3
2.2µF, 10V X5R ceramic capacitors
(optional 100µF, 18m
Ω, 6.3V
aluminum electrolytic, Sanyo
GTPE100MI in parallel)
C2
1
0.1µF, 16V X7R ceramic capacitor
C4, C7, C9
3
100µF, 18m
Ω, 6.3V aluminum
electrolytic capacitors
Sanyo GTPE100MI
C5, C6, C10
3
1µF, 16V X7R ceramic capacitors
Q1/Q2 (dual)
1
Dual n-channel MOSFETs, 30V, 18m
Ω
Vishay Si4922DY
Q3
1
n-channel MOSFET, 30V, 50m
Ω
Fairchild Semiconductor FDD6630A
R1
1
665
Ω ±1% resistor
R2
1
620
Ω ±5% resistor
R3
1
332
Ω ±1% resistor
R4
1
390
Ω ±5% resistor
R5
1
182
Ω ±1% resistor
R6
1
165
Ω ±1% resistor
R7
1
910
Ω ±5% resistor
R8
1
1k
Ω ±1% resistor
R9
1
249
Ω ±1% resistor
MAX8564/MAX8564A External
Component List
COMPONENTS QTY
DESCRIPTION
C11
1
0.1µF, 16V X7R ceramic capacitor
C12, C14
2
100µF, 18m
Ω, 6.3V aluminum
electrolytic capacitors
Sanyo GTPE100MI
C15, C17
2
2.2µF, 10V X5R ceramic capacitors
(optional 100µF, 18m
Ω, 6.3V
aluminum electrolytic, Sanyo
GTPE100MI in parallel)
C18, C20
2
1µF, 16V X7R ceramic capacitors
Q4/Q5 (dual)
1
Dual n-channel MOSFETs, 30V, 18m
Ω
Vishay Si4922DY
R13
1
165
Ω ±1% resistor
R14
1
182
Ω ±1% resistor
R15
1
390
Ω ±5% resistor
R16
1
665
Ω ±1% resistor
R17
1
332
Ω ±1% resistor
R18
1
620
Ω ±5% resistor
OFF
ON
OFF
ON
DRV1
FB1
EN1
POK1
GND
VDD
DRV2
FB2
EN2
POK2
MAX8564
MAX8564A
1.8V
±5% IN
C15
C20
R18
R16
C14
OUT1
1.5V/1.5A
R17
Q4
POK1
R13
R14
R15
C18
C11
C17
C12
Q5
OUT2
1.05V/3A
POK2
5V OR 12VIN
1.2V
±5% IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com