Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8564AEUB Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX8564AEUB
Description  1%, Ultra-Low Output Voltage, Dual and Triple Linear n-FET Controllers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8564AEUB Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX8564AEUB Datasheet HTML 7Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 8Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 9Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 10Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 11Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 12Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 13Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 14Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
For the best transient response in applications with
large step loads (see the Input and Output Capacitor
Selection section for output capacitance requirements),
use the following equations to select the compensation
components:
where COUT is the output capacitance and RESR is the
ESR of COUT.
To use a low-cost ceramic capacitor (see the Input and
Output Capacitor Selection section for load-transient
response characteristics), use the following equations
to select the compensation components:
Example
OUTPUT 1 of Figure 1 is used in this example. Table 1
shows the values required to calculate the compensa-
tion. The values were taken from the appropriate data
sheets and Figure 1.
PC Board Layout Guidelines
Due to the high-current paths and tight output accuracy
required by most applications, careful PC board layout is
required. An evaluation kit (MAX8563EVKIT) is available
to speed design.
It is important to keep all traces as short as possible to
maximize the high-current trace dimensions to reduce the
effect of undesirable parasitic inductance. The MOSFET
dissipates a fair amount of heat due to the high currents
involved, especially during large input-to-output voltage
differences. To dissipate the heat generated by the
MOSFET, make power traces very wide with a large
amount of copper area. An efficient way to achieve good
power dissipation on a surface-mount package is to lay
out copper areas directly under the MOSFET package on
multiple layers and connect the areas through vias. Use a
ground plane to minimize impedance and inductance. In
addition to the usual high-power considerations, here are
four tips to ensure high output accuracy:
•
Ensure that the feedback connection to COUT_ is
short and direct.
•
Place the feedback resistors next to the FB pin.
•
Place RC and CC next to the DRV_ pin.
•
Ensure FB_ and DRV_ traces are away from noisy
sources to ensure tight accuracy.
gS x
A
A
S
Cx
Vx
F x
S x
Sx
m
Sx
V
A
pF
F use
F
C MAX
C
()
.
.
.
.
.
.
.
.
.
.
.,
.
==
=
+
⎛
⎝⎜
⎞
⎠⎟
+
()
−
=
30
15
88
12 4
016
1 5
100
12 4
12 4
18
1
12 4
1 5
1 5
2500
0 90
1
2
μ
μμ
Ω
R
Rx
Vx
F x
S x
m
FS x
V
A
use
C
.
.
.
.
.
.
,
.
=
+
()
+
()
=
59
1 5
100
12 4
18
1
1
124
15
15
599 4
620
μ
μ
Ω
ΩΩ
C
Cx g
gx V
I
C
Rx
C
Cx g
C
OUT
C MAX
C MAX
OUT
OUT MAX
ISS
C
OUT
C
C MAX
()
()
_
()
=
+
()
=
−
15
C
VC
gg
R
gV
I
C
R
Vx C
g
x R
Cx g
V
I
C
OUT
OUT
C MAX
C MAX
ESR
C MAX
OUT
OUT MAX
ISS
C
OUT
OUT
C MAX
ESR
C
C MAX
OUT
OUT
.
()
()
()
_
()
()
_
=
××
×
××
+
()
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
×+
()
=×
+
()
×+
−
016
1
59
1
2
MAX
MAX
()
±1%, Ultra-Low Output Voltage, Dual and Triple
Linear n-FET Controllers
12
______________________________________________________________________________________
Table 1. Parameters Required to
Calculate Compensation
PARAMETER
CONDITIONS
VALUE
UNITS
MOSFET CISS
VDS = 1V
2500
pF
MOSFET GFS
IDFS = 8.8A
30
S
VOUT1
Figure 1
1.5
V
IOUT_MAX
Figure 1
1.5
A
COUT1
Figure 1
100
µF
RESR
Figure 1
18
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com