Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8564AEUB Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX8564AEUB
Description  1%, Ultra-Low Output Voltage, Dual and Triple Linear n-FET Controllers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8564AEUB Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX8564AEUB Datasheet HTML 7Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 8Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 9Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 10Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 11Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 12Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 13Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 14Page - Maxim Integrated Products MAX8564AEUB Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
±1%, Ultra-Low Output Voltage, Dual and Triple
Linear n-FET Controllers
______________________________________________________________________________________
13
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
DRV1
VDD
DRV2
FB2
EN2
POK2
N.C.
POK3
EN3
TOP VIEW
MAX8563
QSOP
FB1
EN1
N.C.
POK1
GND
DRV3
FB3
1
2
3
4
5
10
9
8
7
6
VDD
DRV2
FB2
EN2
POK1
EN1
FB1
DRV1
MAX8564
MAX8564A
μMAX
POK2
GND
Pin Configurations
Chip Information
TRANSISTOR COUNT: 1801
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com