Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP95N4F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP95N4F3
Description  N-channel 40 V, 5.0 mΩ, 80 A, DPAK, TO-220 STripFET™III Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP95N4F3 Datasheet(HTML) 1 Page - STMicroelectronics

  STP95N4F3 Datasheet HTML 1Page - STMicroelectronics STP95N4F3 Datasheet HTML 2Page - STMicroelectronics STP95N4F3 Datasheet HTML 3Page - STMicroelectronics STP95N4F3 Datasheet HTML 4Page - STMicroelectronics STP95N4F3 Datasheet HTML 5Page - STMicroelectronics STP95N4F3 Datasheet HTML 6Page - STMicroelectronics STP95N4F3 Datasheet HTML 7Page - STMicroelectronics STP95N4F3 Datasheet HTML 8Page - STMicroelectronics STP95N4F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
September 2009
Doc ID 13288 Rev 3
1/14
14
STD95N4F3
STP95N4F3
N-channel 40 V, 5.0 m
Ω, 80 A, DPAK, TO-220
STripFET™ III Power MOSFET
Features
■ Standard threshold drive
■ 100% avalanche tested
Applications
■ Switching applications
– Automotive
Description
This STripFET™ III Power MOSFET technology is
among the latest improvements, which have been
especially tailored to minimize on-state resistance
providing superior switching performance.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
Pw
STD95N4F3
40 V
< 5.8 m
Ω
80 A
110 W
STP95N4F3
40 V
< 6.2 m
Ω
80 A
110 W
1
3
DPAK
TO-220
1
2
3
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STD95N4F3
95N4F3
DPAK
Tape and reel
STP95N4F3
95N4F3
TO-220
Tube
www.st.com


Similar Part No. - STP95N4F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP95N4F3 STMICROELECTRONICS-STP95N4F3 Datasheet
336Kb / 14P
N-channel 40V - 5.4mOHM - 80A - DPAK - TO-220 - IPAK STripFET TM Power MOSFET
22-Feb-2007
STP95N4F3 STMICROELECTRONICS-STP95N4F3 Datasheet
465Kb / 14P
N-channel 40V - 5.4mΩ - 80A - DPAK - TO-220 - IPAK STripFET??Power MOSFET
15-May-2007
STP95N4F3 STMICROELECTRONICS-STP95N4F3 Datasheet
839Kb / 20P
N-channel 40 V, 5.0, 80 A STripFET III
13-Dec-2011
logo
VBsemi Electronics Co.,...
STP95N4F3 VBSEMI-STP95N4F3 Datasheet
970Kb / 7P
N-Channel 40-V (D-S) MOSFET
logo
Inchange Semiconductor ...
STP95N4F3 ISC-STP95N4F3 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP95N4F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5 Datasheet
376Kb / 16P
N-channel 30 V, 0.0042 Ω , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
25-Sep-2008
STD90N4F3 STMICROELECTRONICS-STD90N4F3_08 Datasheet
433Kb / 16P
N-channel 40 V, 5.4 mΩ, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??Power MOSFET
15-Jul-2008
STB60N55F3 STMICROELECTRONICS-STB60N55F3_09 Datasheet
630Kb / 20P
N-channel 55 V, 6.5 mΩ, 80 A, DPAK, IPAK, D2PAK, I2PAK, TO-220 TO-220FP STripFET™III Power MOSFET
17-Apr-2009
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5_10 Datasheet
817Kb / 16P
N-channel 30 V, 0.0042 Ω , 80 A, DPAK, TO-220, IPAK STripFET™V Power MOSFET
01-Jul-2010
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_10 Datasheet
619Kb / 17P
N-channel 25 V, 0.0038 Ω, 80 A, DPAK, IPAK, TO-220 STripFET™V Power MOSFET
26-Apr-2010
STD90N4F3 STMICROELECTRONICS-STD90N4F3_09 Datasheet
808Kb / 16P
N-channel 40 V, 5.0 mΩ, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??III Power MOSFET
23-Jul-2009
STB95N4F3 STMICROELECTRONICS-STB95N4F3 Datasheet
839Kb / 20P
N-channel 40 V, 5.0, 80 A STripFET III
13-Dec-2011
STD65N55LF3 STMICROELECTRONICS-STD65N55LF3 Datasheet
804Kb / 13P
N-channel 55 V, 7.0, 80 A DPAK STripFET III Power MOSFET
12-Oct-2010
STP180N4F6 STMICROELECTRONICS-STP180N4F6 Datasheet
680Kb / 13P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in a TO-220 package
11-Oct-2016
STP260N4F7 STMICROELECTRONICS-STP260N4F7 Datasheet
683Kb / 13P
N-channel 40 V, 1.8 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a TO-220 package
16-Jun-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com