Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP9NM50N Datasheet(PDF) 15 Page - STMicroelectronics

Part # STP9NM50N
Description  N-channel 500V - 0.47Ω - 7.5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh™Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP9NM50N Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STP9NM50N Datasheet HTML 9Page - STMicroelectronics STP9NM50N Datasheet HTML 10Page - STMicroelectronics STP9NM50N Datasheet HTML 11Page - STMicroelectronics STP9NM50N Datasheet HTML 12Page - STMicroelectronics STP9NM50N Datasheet HTML 13Page - STMicroelectronics STP9NM50N Datasheet HTML 14Page - STMicroelectronics STP9NM50N Datasheet HTML 15Page - STMicroelectronics STP9NM50N Datasheet HTML 16Page - STMicroelectronics STP9NM50N Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STD9NM50N - STD9NM50N-1 - STP9NM50N - STF9NM50N
Packaging mechanical data
15/17
5
Packaging mechanical data
TAPE AND REEL SHIPMENT
DPAK FOOTPRINT
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A
330
12.992
B
1.5
0.059
C
12.8
13.2
0.504
0.520
D
20.2
0.795
G
16.4
18.4
0.645
0.724
N
50
1.968
T
22.4
0.881
BASE QTY
BULK QTY
2500
2500
REEL MECHANICAL DATA
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A0
6.8
7
0.267 0.275
B0
10.4
10.6
0.409 0.417
B1
12.1
0.476
D
1.5
1.6
0.059 0.063
D1
1.5
0.059
E
1.65
1.85
0.065 0.073
F
7.4
7.6
0.291 0.299
K0
2.55
2.75
0.100 0.108
P0
3.9
4.1
0.153 0.161
P1
7.9
8.1
0.311
0.319
P2
1.9
2.1
0.075 0.082
R
40
1.574
W
15.7
16.3
0.618
0.641
TAPE MECHANICAL DATA
All dimensions are in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com