Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP9NM50N Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP9NM50N
Description  N-channel 500V - 0.47Ω - 7.5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh™Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP9NM50N Datasheet(HTML) 4 Page - STMicroelectronics

  STP9NM50N Datasheet HTML 1Page - STMicroelectronics STP9NM50N Datasheet HTML 2Page - STMicroelectronics STP9NM50N Datasheet HTML 3Page - STMicroelectronics STP9NM50N Datasheet HTML 4Page - STMicroelectronics STP9NM50N Datasheet HTML 5Page - STMicroelectronics STP9NM50N Datasheet HTML 6Page - STMicroelectronics STP9NM50N Datasheet HTML 7Page - STMicroelectronics STP9NM50N Datasheet HTML 8Page - STMicroelectronics STP9NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
STD9NM50N - STD9NM50N-1 - STP9NM50N - STF9NM50N
4/17
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 1mA, VGS= 0
500
V
dv/dt(1)
1.
Characteristics value at turn off on inductive load
Drain-source voltage slope
Vdd= 400V, Id=7.5A,
Vgs=10V
35
V/ns
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = Max rating,
VDS = Max rating,Tc = 125°C
1
100
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±20V
100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250µA
23
4
V
RDS(on)
Static drain-source on
resistance
VGS= 10V, ID= 3.7A
0.47
0.56
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
gfs
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward transconductance
VDS =15V, ID= 3.7A
5S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 50V, f=1MHz, VGS=0
570
46
6
pF
pF
pF
Coss eq.
(2)
2.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Equivalent output
characteristics
VGS=0, VDS = 0V to 400V
94
pF
Rg
Gate input resistance
f=1MHz Gate DC Bias=0
Test signal level=20mV
Open drain
6
Ω
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD= 400V, ID = 7.5A
VGS =10V
(see Figure 16)
20
4
10
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com