Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP9NM50N Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP9NM50N
Description  N-channel 500V - 0.47Ω - 7.5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh™Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP9NM50N Datasheet(HTML) 5 Page - STMicroelectronics

  STP9NM50N Datasheet HTML 1Page - STMicroelectronics STP9NM50N Datasheet HTML 2Page - STMicroelectronics STP9NM50N Datasheet HTML 3Page - STMicroelectronics STP9NM50N Datasheet HTML 4Page - STMicroelectronics STP9NM50N Datasheet HTML 5Page - STMicroelectronics STP9NM50N Datasheet HTML 6Page - STMicroelectronics STP9NM50N Datasheet HTML 7Page - STMicroelectronics STP9NM50N Datasheet HTML 8Page - STMicroelectronics STP9NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STD9NM50N - STD9NM50N-1 - STP9NM50N - STF9NM50N
Electrical characteristics
5/17
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD=250V, ID=3.7A,
RG=4.7Ω, VGS=10V
(see Figure 15)
11
16
45
19
ns
ns
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
7.5
30
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD=7.5A, VGS=0
1.2
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=7.5A, di/dt=100A/µs,
VDD=100V, Tj=150°C
(see Figure 17)
420
3
14
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=7.5A, di/dt=100A/µs,
VDD=100V, Tj= 25°C
(see Figure 17)
280
2
14
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com